Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1253 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 2 Page - Linear Technology

  LT1253 Datasheet HTML 1Page - Linear Technology LT1253 Datasheet HTML 2Page - Linear Technology LT1253 Datasheet HTML 3Page - Linear Technology LT1253 Datasheet HTML 4Page - Linear Technology LT1253 Datasheet HTML 5Page - Linear Technology LT1253 Datasheet HTML 6Page - Linear Technology LT1253 Datasheet HTML 7Page - Linear Technology LT1253 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1253/LT1254
A
G
A
U
A
R
BSOLUTEXI
TI
S
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 2) ............................ 150
°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
Total Supply Voltage (V + to V –) ............................. 28V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range
LT1253C, LT1254C................................. 0
°C to 70°C
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1254CN
LT1254CS
S8 PART MARKING
1253
LT1253CN8
LT1253CS8
N PACKAGE
14-LEAD PLASTIC DIP
+
V
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
S PACKAGE
14-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 100°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
8
7
6
5
4
3
2
1
+
–IN A
+IN A
V
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
OUT A
OUT B
–
V
–IN B
+IN B
A
B
S8 PACKAGE
8-LEAD PLASTIC SOIC
Symbol
Parameter
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
515
mV
+IB
Noninverting Bias Current
115
µA
–IB
Inverting Bias Current
20
100
µA
AVOL
Large-Signal Voltage Gain
VS = ±5V, VO = ±2V, RL = 150Ω
560
1500
V/V
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±12V
60
70
dB
CMRR
Common-Mode Rejection Ratio
VS = ±5V, VCM = ±2V
55
65
dB
VOUT
Maximum Output Voltage Swing
VS = ±12V, RL = 500Ω±7.0
±10.5
V
VS = ±5V, RL = 150Ω±2.5
±3.7
V
IOUT
Maximum Output Current
30
55
mA
IS
Supply Current
Per Amplifier
6
11
mA
RIN
Input Resistance
110
M
Ω
CIN
Input Capacitance
3pF
Power Supply Range
Dual
±2
±12
V
Single
4
24
V
Channel Separation
f = 10MHz
88
dB
SR
Input Slew Rate
AV = 1
125
V/
µs
Output Slew Rate
AV = 2
250
V/
µs
ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C, VS = ± 5V to ±12V, unless otherwise noted.
TJMAX = 150°C, θJA = 70°C/ W (N)
TJMAX = 150°C, θJA = 100°C/ W (S)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com