Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1253 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 3 Page - Linear Technology

  LT1253 Datasheet HTML 1Page - Linear Technology LT1253 Datasheet HTML 2Page - Linear Technology LT1253 Datasheet HTML 3Page - Linear Technology LT1253 Datasheet HTML 4Page - Linear Technology LT1253 Datasheet HTML 5Page - Linear Technology LT1253 Datasheet HTML 6Page - Linear Technology LT1253 Datasheet HTML 7Page - Linear Technology LT1253 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1253/LT1254
3
Symbol
Parameter
CONDITIONS
MIN
TYP
MAX
UNITS
tr
Small-Signal Rise Time
VS = ±12V, AV = 2
3.5
ns
Rise and Fall Time
VS = ±5V, AV = 2, VOUT = 1VP-P
5.8
ns
tp
Propagation Delay
VS = ±5V, AV = 2
3.5
ns
Note 1: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1253CN8: TJ = TA + (PD × 100°C/W)
LT1253CS8: TJ = TA + (PD × 150°C/W)
LT1254CN: TJ = TA + (PD × 70°C/W)
LT1254CS: TJ = TA + (PD × 100°C/W)
TYPICAL AC PERFOR A CE
Small Signal
Small Signal
Small Signal
VS
AV
RL
RF
RG
– 3dB BW (MHz)
– 0.1dB BW (MHz)
Peaking (dB)
±12
1
1000
1100
None
270
51
3.4
±12
1
150
1000
None
204
48
1.3
±12
– 1
1000
750
150
110
59
0.1
±12
– 1
150
768
768
89
50
0.1
±12
2
1000
715
715
179
76
0.3
±12
2
150
715
715
117
62
0
±12
5
1000
680
180
106
42
0
±12
5
150
680
180
90
47
0
±12
10
1000
620
68.1
89
49
0.1
±12
10
150
620
68.1
80
46
0.1
±5
1
1000
787
None
218
53
1.5
±5
1
150
787
None
158
91
0.1
±5
– 1
1000
715
715
76
28
0.1
±5
– 1
150
715
715
70
30
0.1
±5
2
1000
620
620
117
58
0.1
±5
2
150
620
620
92
52
0.1
±5
5
1000
620
150
82
36
0
±5
5
150
620
150
72
34
0
±5
10
1000
562
61.9
70
35
0
±5
10
150
562
61.9
65
28
0
BANDWIDTH
DIFFERENTIAL
DIFFERENTIAL
VS
AV
RL
RF
RG
GAIN
PHASE
±12
2
1000
750
750
0.01%
0.03
°
±12
2
150
750
750
0.01%
0.12
°
±5
2
1000
750
750
0.03%
0.18
°
±5
2
150
750
750
0.03%
0.28
°
NTSC VIDEO (Note 1)
ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C, VS = ±5V to ±12V, unless otherwise noted.
Note 1: Differential Gain and Phase are measured using a Tektronix TSG
120 YC/NTSC signal generator and a Tektronix 1780R Video Measurement
Set. The resolution of this equipment is 0.1% and 0.1
°. Ten identical
amplifier stages were cascaded giving an effective resolution of 0.01% and
0.01
°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com