Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1356 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1356
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology LT1356 Datasheet HTML 10Page - Linear Technology LT1356 Datasheet HTML 11Page - Linear Technology LT1356 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1355/LT1356
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT LEVEL (VP-P)
0
100
500
400
200
300
0
8
16
20
12
4
210
18
14
6
1355/1356 G24
TA = 25°C
VS = ±15V
AV = –1
RF = RG = 2k
SR =
SR+ + SR–
—————
2
Slew Rate vs Input Level
Slew Rate vs Temperature
TEMPERATURE (
°C)
50
100
350
300
150
200
250
– 50
–25
25
100
125
50
75
0
1355/1356 G23
SR+ + SR–
SR = —————
2
VS = ±5V
VS = ±15V
AV = –2
FREQUENCY (Hz)
100k
1M
0
30
10M
1355/1356 G26
15
5
10
25
20
AV = –1
AV = 1
VS = ±15V
RL = 5k
AV = 1,
1% MAX DISTORTION
AV = –1,
4% MAX DISTORTION
Undistorted Output Swing vs
Frequency (
±15V)
Undistorted Output Swing vs
Frequency (
±5V)
FREQUENCY (Hz)
100k
1M
0
10
10M
1355/1356 G27
6
2
4
8
AV = –1
AV = 1
VS = ±5V
RL = 5k
AV = 1,
2% MAX DISTORTION
AV = –1,
3% MAX DISTORTION
CAPACITIVE LOAD (F)
10p
0
100
1
µ
1355/1356 G30
1000p
0.01
µ
50
100p
0.1
µ
AV = 1
AV = –1
TA = 25°C
VS = ±15V
Capacitive Load Handling
Crosstalk vs Frequency
Slew Rate vs Supply Voltage
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.0001
0.1
100
100k
1355/1356 G25
1k
0.001
0.01
10k
AV = –1
TA = 25°C
VO = 3VRMS
RL = 2k
AV = 1
SUPPLY VOLTAGE (
±V)
0
200
100
600
500
400
300
015
10
5
1355/1356 G22
TA = 25°C
AV = –1
RF = RG = 2k
SR =
SR+ + SR–
—————
2
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
100k 200k
400k
–80
–70
–60
–50
–40
–30
–20
10M
1355/1356 G28
1M
2M
4M
VS = ±15V
VO = 2VP-P
RL = 2k
AV = 2
3RD HARMONIC
2ND HARMONIC
FREQUENCY (Hz)
100k
–120
–40
1M
100M
1355/1356 G29
10M
–50
–60
–70
–80
–90
–100
–110
TA = 25°C
VIN = 0dBm
RL = 500Ω
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com