Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1356 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1356
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 1 Page - Linear Technology

  LT1356 Datasheet HTML 1Page - Linear Technology LT1356 Datasheet HTML 2Page - Linear Technology LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1355/LT1356
Dual and Quad
12MHz, 400V/
µs Op Amps
1355/1356 TA01
VIN
5.23k
10.2k
47pF
6.81k
100pF
1000pF
VOUT
–
+
–
+
5.23k
11.3k
6.81k
330pF
1/2
LT1355
1/2
LT1355
100kHz, 4th Order Butterworth Filter
1355/1356 TA02
AV = –1 Large-Signal Response
s
12MHz Gain Bandwidth
s
400V/
µs Slew Rate
s
1.25mA Maximum Supply Current per Amplifier
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
10nV/
√Hz Input Noise Voltage
s
800
µV Maximum Input Offset Voltage
s
300nA Maximum Input Bias Current
s
70nA Maximum Input Offset Current
s
12V/mV Minimum DC Gain, RL=1k
s
230ns Settling Time to 0.1%, 10V Step
s
280ns Settling Time to 0.01%, 10V Step
s
±12.5V Minimum Output Swing into 500Ω
s
±3V Minimum Output Swing into 150Ω
s
Specified at
±2.5V, ±5V, and ±15V
The LT1355/LT1356 are dual and quad low power high
speed operational amplifiers with outstanding AC and DC
performance. The amplifiers feature much lower supply
current and higher slew rate than devices with comparable
bandwidth. The circuit topology is a voltage feedback
amplifier with matched high impedance inputs and the
slewing performance of a current feedback amplifier. The
high slew rate and single stage design provide excellent
settling characteristics which make the circuit an ideal
choice for data acquisition systems. Each output drives a
500
Ω load to ±12.5V with ±15V supplies and a 150Ω load
to
±3V on ±5V supplies. The amplifiers are stable with any
capacitive load making them useful in buffer applications.
The LT1355/LT1356 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For a single amplifier
version of the LT1355/LT1356 see the LT1354 data sheet.
For higher bandwidth devices with higher supply currents
see the LT1357 through LT1365 data sheets. Bandwidths
of 25MHz, 50MHz, and 70MHz are available with 2mA,
4mA, and 6mA of supply current per amplifier. Singles,
duals, and quads of each amplifier are available.
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Data Acquisition Systems
s
Photodiode Amplifiers
C-Load is a trademark of Linear Technology Corporation.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1356

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1356 LINEAR-LT1356 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1356 LINER-LT1356 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1356 LINER-LT1356 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1356 LINER-LT1356 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1208 LINER-LT1208 Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1211 LINER-LT1211 Datasheet
336Kb / 20P
14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
LT1364 LINER-LT1364 Datasheet
265Kb / 12P
Dual and Quad 70MHz, 1000V/us Op Amps
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com