Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376C Datasheet(PDF) 11 Page - Linear Technology

Part # LT1376C
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376C Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1376C Datasheet HTML 7Page - Linear Technology LT1376C Datasheet HTML 8Page - Linear Technology LT1376C Datasheet HTML 9Page - Linear Technology LT1376C Datasheet HTML 10Page - Linear Technology LT1376C Datasheet HTML 11Page - Linear Technology LT1376C Datasheet HTML 12Page - Linear Technology LT1376C Datasheet HTML 13Page - Linear Technology LT1376C Datasheet HTML 14Page - Linear Technology LT1376C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1375/LT1376
APPLICATIONS INFORMATION
must withstand continuous fault conditions. If maxi-
mum load current is 0.5A, for instance, a 0.5A inductor
may not survive a continuous 1.5A overload condition.
Dead shorts will actually be more gentle on the induc-
tor because the LT1376 has foldback current limiting.
2. Calculate peak inductor current at full load current to
ensure that the inductor will not saturate. Peak current
can be significantly higher than output current, espe-
cially with smaller inductors and lighter loads, so don’t
omit this step. Powdered iron cores are forgiving
because they saturate softly, whereas ferrite cores
saturate abruptly. Other core materials fall in between
somewhere. The following formula assumes continu-
ous mode of operation, but it errs only slightly on the
high side for discontinuous mode, so it can be used for
all conditions.
II
VV
V
fL V
PEAK
OUT
OUT
IN
OUT
IN
=+
−
()
()( )( )
2
VIN = Maximum input voltage
f = Switching frequency, 500kHz
3. Decide if the design can tolerate an “open” core geom-
etry like a rod or barrel, which have high magnetic field
radiation, or whether it needs a closed core like a toroid
to prevent EMI problems. One would not want an open
core next to a magnetic storage media, for instance!
This is a tough decision because the rods or barrels are
temptingly cheap and small and there are no helpful
guidelines to calculate when the magnetic field radia-
tion will be a problem.
4. Start shopping for an inductor (see representative
surface mount units in Table 2) which meets the re-
quirements of core shape, peak current (to avoid satu-
ration), average current (to limit heating), and fault
current (if the inductor gets too hot, wire insulation will
melt and cause turn-to-turn shorts). Keep in mind that
all good things like high efficiency, low profile, and high
temperature operation will increase cost, sometimes
dramatically. Get a quote on the cheapest unit first to
calibrate yourself on price, then ask for what you really
want.
Example: with L = 2
µH, VOUT = 5V, and VIN(MAX) = 15V,
ImA
OUT MAX
( )
−
=
() 
()
() −
()
=
1 5
500 10
2 10
15
2 5 15 5
338
2
36
.•
•
The main reason for using such a tiny inductor is that it is
physically very small, but keep in mind that peak-to-peak
inductor current will be very high. This will increase output
ripple voltage. If the output capacitor has to be made larger
to reduce ripple voltage, the overall circuit could actually
wind up larger.
CHOOSING THE INDUCTOR AND OUTPUT CAPACITOR
For most applications the output inductor will fall in the
range of 3
µH to 20µH. Lower values are chosen to reduce
physical size of the inductor. Higher values allow more
output current because they reduce peak current seen by
the LT1376 switch, which has a 1.5A limit. Higher values
also reduce output ripple voltage, and reduce core loss.
Graphs in the Typical Performance Characteristics section
show maximum output load current versus inductor size
and input voltage. A second graph shows core loss versus
inductor size for various core materials.
When choosing an inductor you might have to consider
maximum load current, core and copper losses, allowable
component height, output voltage ripple, EMI, fault cur-
rent in the inductor, saturation, and of course, cost. The
following procedure is suggested as a way of handling
these somewhat complicated and conflicting requirements.
1. Choose a value in microhenries from the graphs of
maximum load current and core loss. Choosing a small
inductor with lighter loads may result in discontinuous
mode of operation, but the LT1376 is designed to work
well in either mode. Keep in mind that lower core loss
means higher cost, at least for closed core geometries
like toroids. The core loss graphs show both absolute
loss and percent loss for a 5W output, so actual percent
losses must be calculated for each situation.
Assume that the average inductor current is equal to
load current and decide whether or not the inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com