Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376C Datasheet(PDF) 23 Page - Linear Technology

Part # LT1376C
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376C Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1376C Datasheet HTML 19Page - Linear Technology LT1376C Datasheet HTML 20Page - Linear Technology LT1376C Datasheet HTML 21Page - Linear Technology LT1376C Datasheet HTML 22Page - Linear Technology LT1376C Datasheet HTML 23Page - Linear Technology LT1376C Datasheet HTML 24Page - Linear Technology LT1376C Datasheet HTML 25Page - Linear Technology LT1376C Datasheet HTML 26Page - Linear Technology LT1376C Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LT1375/LT1376
APPLICATIONS INFORMATION
Keep in mind that this procedure does not take initial
component tolerance into account. You should see fairly
clean response under all load and line conditions to ensure
that component variations will not cause problems. One
note here: according to Murphy, the component most
likely to be changed in production is the output capacitor,
because that is the component most likely to have manu-
facturer variations (in ESR) large enough to cause prob-
lems. It would be a wise move to lock down the sources of
the output capacitor in production.
A possible exception to the “clean response” rule is at very
light loads, as evidenced in Figure 17 with ILOAD = 50mA.
Switching regulators tend to have dramatic shifts in loop
response at very light loads, mostly because the inductor
current becomes discontinuous. One common result is
very slow but stable characteristics. A second possibility
is low phase margin, as evidenced by ringing at the output
with transients. The good news is that the low phase
margin at light loads is not particularly sensitive to com-
ponent variation, so if it looks reasonable under a transient
test, it will probably not be a problem in production. Note
that
frequency of the light load ringing may vary with
component tolerance but phase margin generally hangs in
there.
THERMAL CALCULATIONS
Power dissipation in the LT1376 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, so they
should not be used for calculating efficiency at light load
currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=
() ( )
+
()( )( )
2
16
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
=
+
()
2
0 008
75
./
Quiescent current loss:
PV
V
V
V
Q
IN
OUT
OUT
IN
=
()+ ()+

()
0 001
0 005
0 002
2
..
.
RSW = Switch resistance (≈ 0.4)
16ns = Equivalent switch current/voltage overlap time
f = Switch frequency
Example: with VIN = 10V, VOUT = 5V and IOUT = 1A:
P
W
PW
PW
SW
BOOST
Q
= ()( ) ( ) + 
()( )
=+
=
= ()
+
()
=
=
()+ ()+() ( ) =
−
04 1
5
10
16 10
1 10 500 10
02 008
0 28
5
0 008 1 75
10
0 053
10 0 001
5 0 005
5
0 002
10
004
2
93
2
2
.
••
..
.
./
.
..
.
.
Total power dissipation is 0.28 + 0.053 + 0.04 = 0.37W.
Thermal resistance for LT1376 package is influenced by
the presence of internal or backside planes. With a full
plane under the SO package, thermal resistance will be
about 120
°C/W. No plane will increase resistance to about
160
°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature:
TJ = TA + θJA (PTOT)
With the SO-8 package (
θJA = 120°C/W), at an ambient
temperature of 70
°C,
TJ = 70 + 120 (0.37) = 114.4°C
Die temperature is highest at low input voltage, so use
lowest continuous input operating voltage for thermal
calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com