Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS1604G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1604G
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1604G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SFS1604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.5
-
0.413
B
14.60
15.88
0.575
0.625
C
2.41
2.67
0.095
0.105
D
0.68
0.94
0.027
0.037
E
2.29
2.79
0.090
0.110
F
4.44
4.70
0.175
0.185
G
1.14
1.40
0.045
0.055
H
1.14
1.40
0.045
0.055
I
8.25
9.25
0.325
0.364
J
0.36
0.53
0.014
0.021
K
2.03
2.79
0.080
0.110
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1405077
Version: K14
SFS1601G thru SFS1608G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
10.8
0.425
B
8.3
0.327
C
1.1
0.043
D
3.5
0.138
E
16.9
0.665
MARKING DIAGRAM
F
9.5
0.374
G
2.5
0.098
40
50
60
70
80
90
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
SFS1605G-SFS1608G
SFS1601G-SFS1604G
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com