Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS1604G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1604G
Description  Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1604G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFS1604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1604G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High current capability
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405077
Version: K14
SFS1601G thru SFS1608G
Taiwan Semiconductor
Surface Mount Super Fast Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
SFS
1607
G
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
Polarity:
As marked
Weight:
1.41 g (approximately)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
16
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SFS
1601
G
SFS
1602
G
0.975
1.3
1.7
V
SFS
1608
G
Unit
SFS
1603
G
SFS
1604
G
SFS
1605
G
SFS
1606
G
μA
400
Maximum reverse recovery time (Note 2)
35
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
A
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
VF
2.5
Operating junction temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
10
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
TO-263AB (D
2PAK)
Typical junction capacitance (Note 3)
80
60
Typical thermal resistance


Similar Part No. - SFS1604G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1604G TSC-SFS1604G Datasheet
84Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFS1604G TSC-SFS1604G Datasheet
168Kb / 2P
16.0 AMPS. Surface Mount Super Fast Rectifiers
SFS1604G TSC-SFS1604G Datasheet
143Kb / 2P
16.0AMPS. Surface Mount Super Fast Rectifiers
SFS1604GH TSC-SFS1604GH Datasheet
590Kb / 6P
16A, 50V - 600V Super Fast Surface Mount Rectifier
More results

Similar Description - SFS1604G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com