Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1576CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1576CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1576CS8 Datasheet HTML 11Page - Linear Technology LT1576CS8 Datasheet HTML 12Page - Linear Technology LT1576CS8 Datasheet HTML 13Page - Linear Technology LT1576CS8 Datasheet HTML 14Page - Linear Technology LT1576CS8 Datasheet HTML 15Page - Linear Technology LT1576CS8 Datasheet HTML 16Page - Linear Technology LT1576CS8 Datasheet HTML 17Page - Linear Technology LT1576CS8 Datasheet HTML 18Page - Linear Technology LT1576CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LT1576/LT1576-5
APPLICATIONS INFORMATION
Threshold voltage for lockout is about 2.44V. A 3.5
µA bias
current flows
out of the pin at threshold. This internally
generated current is used to force a default high state on
the shutdown pin if the pin is left open. When low shut-
down current is not an issue, the error due to this current
can be minimized by making RLO 10k or less. If shutdown
current is an issue, RLO can be raised to 100k, but the error
due to initial bias current and changes with temperature
should be considered.
Rk
R
RV
V
VR
A
LO
HI
LO
IN
LO
=
()
=
−
()
−
()
10
244
244
3 5
to 100k 25k suggested
.
.. µ
VIN = Minimum input voltage
Keep the connections from the resistors to the shutdown
pin short and make sure that interplane or surface capaci-
tance to the switching nodes are minimized. If high resis-
tor values are used, the shutdown pin should be bypassed
with a 1000pF capacitor to prevent coupling problems
from the switch node. If hysteresis is desired in the
undervoltage lockout point, a resistor RFB can be added to
the output node. Resistor values can be calculated from:
–
+
–
+
2.44V
0.4V
GND
VSW
LT1576
INPUT
RFB
RHI
1576 F04
OUTPUT
SHDN
STANDBY
IN
TOTAL
SHUTDOWN
3.5
µA
RLO
C1
+
Figure 4. Undervoltage Lockout
R
RV
V V
V
R
A
RR
V
V
HI
LO IN
OUT
LO
FB
HI
OUT
=
−+
()+
[]
−
()
=
()(
)
2 44
1
244
3 5
./
..
/
∆∆
∆
µ
25k suggested for RLO
VIN = Input voltage at which switching stops as input
voltage descends to trip level
∆V = Hysteresis in input voltage level
Example: output voltage is 5V, switching is to stop if input
voltage drops below 12V and should not restart unless
input rises back to 13.5V.
∆V is therefore 1.5V and
VIN = 12V. Let RLO = 25k.
R
k
kA
k
k
Rk
k
HI
FB
=
−+
()+
[]
−
()
=
()
=
=
()=
25 12 2 44 15 5 1
15
244
25 3 5
25 10 33
235
110
110 5 1 5
366
.. /
.
..
.
.
/.
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com