Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1576CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1576CS8
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1576CS8 Datasheet HTML 15Page - Linear Technology LT1576CS8 Datasheet HTML 16Page - Linear Technology LT1576CS8 Datasheet HTML 17Page - Linear Technology LT1576CS8 Datasheet HTML 18Page - Linear Technology LT1576CS8 Datasheet HTML 19Page - Linear Technology LT1576CS8 Datasheet HTML 20Page - Linear Technology LT1576CS8 Datasheet HTML 21Page - Linear Technology LT1576CS8 Datasheet HTML 22Page - Linear Technology LT1576CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT1576/LT1576-5
APPLICATIONS INFORMATION
At power-up, when VC is being clamped by the FB pin (see
Figure 2, Q2), the sync function is disabled. This allows the
frequency foldback to operate in the shorted output con-
dition. During normal operation, switching frequency is
controlled by the internal oscillator until the FB pin reaches
0.7V, after which the SYNC pin becomes operational. If no
synchronization is required, this pin should be connected
to ground.
THERMAL CALCULATIONS
Power dissipation in the LT1576 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, so they
should not be used for calculating efficiency at light load
currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=
() ( )
+
()( )( )
2
60
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
=
()
2
50
/
Quiescent current loss:
PV
V
V
V
Q
IN
OUT
OUT
IN
=
 +
+

()
−−
055 10
1 6 10
0 004
33
2
.•
. •
.
RSW = Switch resistance (≈ 0.2Ω)
60ns = Equivalent switch current/voltage overlap time
f = Switch frequency
Example: with VIN = 10V, VOUT = 5V and IOUT = 1A:
P
W
PW
P
SW
BOOST
Q
= ()( ) ( ) + 
()( )
=+
=
= () (
)
=
= 
 +
 +
() ( )
=
−
−−
02 1 5
10
60 10
1 10 2 00 10
01
012
0 22
51 50
10
005
10 0 55 10
5 1 6 10
5
0 004
10
0
2
93
2
33
2
.
••
..
.
/
.
.•
. •
.
..02W
Total power dissipation is 0.22 + 0.05 + 0.02 = 0.29W.
Thermal resistance for LT1576 package is influenced by
the presence of internal or backside planes. With a full
plane under the SO package, thermal resistance will be
about 80
°C/W. No plane will increase resistance to about
120
°C/W. To calculate die temperature, add in worst-case
ambient temperature:
TJ = TA + θJA (PTOT)
With the SO-8 package (
θJA = 80°C/W), at an ambient
temperature of 50
°C,
TJ = 50 + 80 (0.29) = 73.2°C
Die temperature is highest at low input voltage, so use
lowest continuous input operating voltage for thermal
calculations.
FREQUENCY COMPENSATION
Loop frequency compensation of switching regulators
can be a rather complicated problem because the reactive
components used to achieve high efficiency also intro-
duce multiple poles into the feedback loop. The inductor
and output capacitor on a conventional step-down con-
verter actually form a resonant tank circuit that can exhibit
peaking and a rapid 180
° phase shift at the resonant
frequency. By contrast, the LT1576 uses a “current mode”
architecture to help alleviate phase shift created by the
inductor. The basic connections are shown in Figure 9.
Figure 10 shows a Bode plot of the phase and gain of the
power section of the LT1576, measured from the VC pin to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com