Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1610CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1610CS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1610CS8 Datasheet HTML 1Page - Linear Technology LT1610CS8 Datasheet HTML 2Page - Linear Technology LT1610CS8 Datasheet HTML 3Page - Linear Technology LT1610CS8 Datasheet HTML 4Page - Linear Technology LT1610CS8 Datasheet HTML 5Page - Linear Technology LT1610CS8 Datasheet HTML 6Page - Linear Technology LT1610CS8 Datasheet HTML 7Page - Linear Technology LT1610CS8 Datasheet HTML 8Page - Linear Technology LT1610CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1610
TYPICAL PERFOR A CE CHARACTERISTICS
Current Limit vs Duty Cycle
VCESAT vs Current
SWITCH CURRENT (mA)
0
100
200
300
400
500
600
100
200
300
400
1610 G01
500
600
TA = 85°C
TA = – 40°C
TA = 25°C
Current Limit (DC = 30%)
vs Temperature
TEMPERATURE (
°C)
–50
200
300
400
500
600
800
–25
025
50
1610 G02
75
100
700
Oscillator Frequency
vs Input Voltage
Feedback Voltage
SHDN Pin Current
vs SHDN Pin Voltage
Transient Response,
Circuit of Figure 1
SHDN VOLTAGE (V)
0
30
40
50
35
8
1610 G07
20
10
0
12
4
67
VOUT
50mV/DIV
AC COUPLED
IL1
100mA/DIV
31mA
1mA
ILOAD
VIN = 1.25V
500
µs/DIV
VOUT = 3V
1610 TA08
DUTY CYCLE (%)
0
800
700
600
500
400
300
200
100
0
80
1610 G03
20
40
60
100
70
10
30
50
90
TA = 25°C
INPUT VOLTAGE (V)
0
0
0.25
0.75
1.00
1.25
2.50
1.75
2
4
5
1610 G04
0.50
2.00
2.25
1.50
13
6
7
8
TA = 25°C
TEMPERATURE (
°C)
–50
1.210
1.215
1.220
1.225
1.230
1.240
–25
025
50
1610 G05
75
100
1.235
Quiescent Current
vs Temperature
TEMPERATURE (
°C)
–50
15
20
25
25
75
1610 G06
10
5
0
–25
0
50
30
35
40
100
Burst Mode Operation,
Circuit of Figure 1
VOUT
20mV/DIV
AC COUPLED
SWITCH
VOLTAGE
2V/DIV
VIN = 1.25V
20
µs/DIV
VOUT = 3V
ILOAD = 3mA
1610 TA08
SWITCH
CURRENT
50mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com