Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1610CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1610CS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1610CS8 Datasheet HTML 3Page - Linear Technology LT1610CS8 Datasheet HTML 4Page - Linear Technology LT1610CS8 Datasheet HTML 5Page - Linear Technology LT1610CS8 Datasheet HTML 6Page - Linear Technology LT1610CS8 Datasheet HTML 7Page - Linear Technology LT1610CS8 Datasheet HTML 8Page - Linear Technology LT1610CS8 Datasheet HTML 9Page - Linear Technology LT1610CS8 Datasheet HTML 10Page - Linear Technology LT1610CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1610
APPLICATIONS INFORMATION
A SEPIC (Single-Ended Primary Inductance Converter)
schematic is shown in Figure 4. This converter topology
produces a regulated output over an input voltage range
1
2
8
7
3
4
6
5
C2
LT1610
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
1610 F05
+
C3
D1
VOUT
L1
L2
C1
+
Figure 5. Recommended Component Placement for SEPIC
SHUTDOWN
C2
22
µF
6.3V
C1
22
µF
6.3V
L1
22
µH
L2
22
µH
C3
1
µF
CERAMIC
D1
INPUT
Li-ION
3V to 4.2V
VOUT
3.3V
120mA
1610 F04
+
+
1M
604k
C1, C2: AVX TAJA226M006
C3: AVX 1206YC105 (X7R)
D1: MOTOROLA MBR0520
L1, L2: MURATA LQH3C220 (UNCOUPLED)
OR SUMIDA CLS62-220 (COUPLED)
65
•
•
2
3
4
7
8
1
VIN
SW
PGND
FB
SHDN
GND
COMP
LT1610
VC
Figure 4. Li-Ion to 3.3V SEPIC DC/DC Converter
that spans (i.e., can be higher or lower than) the output.
Recommended component placement for a SEPIC is
shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com