Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1677C
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1677C Datasheet HTML 8Page - Linear Technology LT1677C Datasheet HTML 9Page - Linear Technology LT1677C Datasheet HTML 10Page - Linear Technology LT1677C Datasheet HTML 11Page - Linear Technology LT1677C Datasheet HTML 12Page - Linear Technology LT1677C Datasheet HTML 13Page - Linear Technology LT1677C Datasheet HTML 14Page - Linear Technology LT1677C Datasheet HTML 15Page - Linear Technology LT1677C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1677
1677i LT/TP 0200 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
2-Wire Remote Geophone Preamp
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Ultralow Noise Precision Op Amp
Lowest Noise 0.85nV/
√Hz
LT1115
Ultralow Noise, Low distortion Audio Op Amp
0.002% THD, Max Noise 1.2nV/
√Hz
LT1124/LT1125
Dual/Quad Low Noise, High Speed Precision Op Amps
Similar to LT1007
LT1126/LT1127
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
Similar to LT1037
LT1498/LT1499
10MHz, 5V/
µs, Dual/Quad Rail-to-Rail Input and Output Op Amps
Precision C-Load
TM Stable
LT1792
Low Noise, Precision JFET Input Op Amp
4.2nV/
√Hz, 10fA/√Hz
LT1793
Low Noise, Picoampere Bias Current Op Amp
6nV/
√Hz, 1fA/√Hz
LT1884
Dual Rail-to-Rail Output Picoamp Input Precision Op Amp
2.2MHz Bandwidth, 1.2V/
µs SR
C-Load is a trademark of Linear Technology Corporation.
LT1677
2
–
+
1677 TA03
4
7
6
3
R2
100k
R5
243
Ω
C4
1000pF
Q1
2N3904
C2
0.1
µF
R9
20
Ω
12V
VOUT
2.5V
±1V
R10
250
Ω
R1
150
Ω
R4
14k
R6
4.99k
R
R
V –
V +
C
3V
LT1431CZ
LINEAR
TECHNOLOGY
LM334Z
6mA
A
R3
16.2k
GEOSOURCE
MD-105
RL = 847Ω
GEOPHONE
C3
220
µF
R8
11
Ω
R7
24.9k
+
AV =
≅ 107
R2 + R3||R4
R1 + RL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO
This 2-wire remote Geophone preamp operates on a
current-loop principle and so has good noise immunity.
Quiescent current is
≈10mA for a VOUT of 2.5V. Excitation
will cause AC currents about this point of ~
±4mA for a
VOUT of ~±1V max. The op amp is configured for a voltage
gain of ~107. Components R5 and Q1 convert the voltage
into a current for transmission back to R10, which con-
verts it into a voltage again. The LM334 and 2N3904 are
not temperature compensated so the DC output contains
temperature information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com