Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677C Datasheet(PDF) 3 Page - Linear Technology

Part # LT1677C
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677C Datasheet(HTML) 3 Page - Linear Technology

  LT1677C Datasheet HTML 1Page - Linear Technology LT1677C Datasheet HTML 2Page - Linear Technology LT1677C Datasheet HTML 3Page - Linear Technology LT1677C Datasheet HTML 4Page - Linear Technology LT1677C Datasheet HTML 5Page - Linear Technology LT1677C Datasheet HTML 6Page - Linear Technology LT1677C Datasheet HTML 7Page - Linear Technology LT1677C Datasheet HTML 8Page - Linear Technology LT1677C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1677
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
in
Input Noise Current Density
fO = 10Hz
1.2
pA/
√Hz
fO = 1kHz
0.3
pA/
√Hz
VCM
Input Voltage Range
±15.1
±15.2
V
RIN
Input Resistance
Common Mode
2
G
Ω
CIN
Input Capacitance
3.8
pF
VS = ±2.5V
4.2
pF
CMRR
Common Mode Rejection Ratio
VCM = –13.3V to 14.0V
109
130
dB
VCM = ±15.1V
74
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.7V to ±18V
106
130
dB
VS = 2.7V to 40V, VCM = VO = 1.7V
108
125
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VO = ±14V
7
25
V/
µV
RL ≥ 1k, VO = ±13.5V
4
20
V/
µV
RL ≥ 600Ω, VO = ±10V
0.4
0.7
V/
µV
VCC = 5V or 3V, VEE = 0V, VCM = 1.7V,
RL to GND, VOUT = 0.5V to:
RL ≥ 10k, VCC – 0.5V
2
10
V/
µV
RL ≥ 1k, VCC – 0.7V
1.5
4
V/
µV
VOL
Output Voltage Swing Low
Above VEE
ISINK = 0.1mA
80
170
mV
ISINK = 2.5mA
110
250
mV
ISINK = 10mA
300
500
mV
VOH
Output Voltage Swing High
Below VCC
ISOURCE = 0.1mA
110
170
mV
ISOURCE = 2.5mA
190
300
mV
ISOURCE = 10mA
500
700
mV
ISC
Output Short-Circuit Current (Note 3)
25
35
mA
SR
Slew Rate
RL ≥ 10k (Note 9)
1.7
2.5
V/
µs
GBW
Gain Bandwidth Product
fO = 100kHz
4.5
7.2
MHz
THD
Total Harmonic Distortion
RL = 2k, AV = 1, fO = 1kHz, VO = 10VP-P
0.0006
%
tS
Settling Time
10V Step 0.1%, AV = +1
5
µs
10V Step 0.01%, AV = +1
6
µs
RO
Open-Loop Output Resistance
IOUT = 0
80
Ω
Closed-Loop Output Resistance
AV = 100, f = 10kHz
1
Ω
IS
Supply Current
2.75
3.5
mA
TA = 25°C, VS = ±15V, VCM = VO = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com