Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD754264 Datasheet(PDF) 39 Page - NEC

Part # UPD754264
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754264 Datasheet(HTML) 39 Page - NEC

Back Button UPD754264 Datasheet HTML 35Page - NEC UPD754264 Datasheet HTML 36Page - NEC UPD754264 Datasheet HTML 37Page - NEC UPD754264 Datasheet HTML 38Page - NEC UPD754264 Datasheet HTML 39Page - NEC UPD754264 Datasheet HTML 40Page - NEC UPD754264 Datasheet HTML 41Page - NEC UPD754264 Datasheet HTML 42Page - NEC UPD754264 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
µPD754264
Instruction
Number
Number
Addressing
Mnemonic
Operand
of machine
Operation
Skip condition
group
of bytes
cycles
area
Transfer
MOV
A, #n4
1
1
A
← n4
String effect A
instruction
reg1, #n4
2
2
reg1
← n4
XA, #n8
2
2
XA
← n8
String effect A
HL, #n8
2
2
HL
← n8
String effect B
rp2, #n8
2
2
rp2
← n8
A, @HL
1
1
A
← (HL)
*1
A, @HL+
1
2+S
A
← (HL), then L ← L+1
*1
L = 0
A, @HL–
1
2+S
A
← (HL), then L ← L–1
*1
L = FH
A, @rpa1
1
1
A
← (rpa1)
*2
XA, @HL
2
2
XA
← (HL)
*1
@HL, A
1
1
(HL)
← A*1
@HL, XA
2
2
(HL)
← XA
*1
A, mem
2
2
A
← (mem)
*3
XA, mem
2
2
XA
← (mem)
*3
mem, A
2
2
(mem)
← A*3
mem, XA
2
2
(mem)
← XA
*3
A, reg
2
2
A
← reg
XA, rp'
2
2
XA
← rp'
reg1, A
2
2
reg1
← A
rp'1, XA
2
2
rp'1
← XA
XCH
A, @HL
1
1
A
↔ (HL)
*1
A, @HL+
1
2+S
A
↔ (HL), then L ← L+1
*1
L = 0
A, @HL–
1
2+S
A
↔ (HL), then L ← L–1
*1
L = FH
A, @rpa1
1
1
A
↔ (rpa1)
*2
XA, @HL
2
2
XA
↔ (HL)
*1
A, mem
2
2
A
↔ (mem)
*3
XA, mem
2
2
XA
↔ (mem)
*3
A, reg1
1
1
A
↔ reg1
XA, rp'
2
2
XA
↔ rp'
Table
MOVT
XA, @PCDE
1
3
XA
← (PC11–8+DE)ROM
reference
instructions
XA, @PCXA
1
3
XA
← (PC11–8+XA)ROM
XA, @BCDE
1
3
XA
← (BCDE)ROMNote
*6
XA, @BCXA
1
3
XA
← (BCXA)ROMNote
*6
Note Set “0” in register B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com