Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD754264 Datasheet(PDF) 2 Page - NEC

Part # UPD754264
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754264 Datasheet(HTML) 2 Page - NEC

  UPD754264 Datasheet HTML 1Page - NEC UPD754264 Datasheet HTML 2Page - NEC UPD754264 Datasheet HTML 3Page - NEC UPD754264 Datasheet HTML 4Page - NEC UPD754264 Datasheet HTML 5Page - NEC UPD754264 Datasheet HTML 6Page - NEC UPD754264 Datasheet HTML 7Page - NEC UPD754264 Datasheet HTML 8Page - NEC UPD754264 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
2
µPD754264
Functional Outline
Parameter
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (@ fX = 4.19-MHz operation)
• 0.67, 1.33, 2.67, 10.7
µs (@ fX = 6.0-MHz operation)
On-chip
Mask ROM
4096
× 8 bits (0000H-0FFFH)
memory
RAM
128
× 4 bits (000H-07FH)
EEPROM
32
× 8 bits (400H-43FH)
System clock oscillator
Crystal/ceramic oscillator
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/output
CMOS input
4
On-chip pull-up resistor can be specified by mask option.
port
CMOS input/output
9
On-chip pull-up resistor connection can be specified by means of software.
Total
13
Start-up time after reset
217/fX, 215/fX, 213/fX (selected by mask option)
Stand-by mode release time
220/fX, 217/fX, 215/fX, 213/fX (selected by the setting of BTM)
Timer
4 channels
• 8-bit timer counter
(can be used as 16-bit timer counter) : 3 channels
• Basic interval/watchdog timer
: 1 channel
A/D converter
8-bit resolution
× 2 channels (1.8 V ≤ AVREF ≤ VDD)
Bit sequential buffer
16 bits
Vectored interrupt
External: 1, Internal: 5
Test input
External: 1 (key return reset function available)
Standby function
STOP/HALT mode
Operating ambient temperature
TA = –40 to +85
°C
Operating supply voltage
VDD = 1.8 to 6.0 V
Package
20-pin plastic SOP (300 mil, 1.27-mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com