Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1786F Datasheet(PDF) 3 Page - Linear Technology

Part # LT1786F
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786F Datasheet(HTML) 3 Page - Linear Technology

  LT1786F Datasheet HTML 1Page - Linear Technology LT1786F Datasheet HTML 2Page - Linear Technology LT1786F Datasheet HTML 3Page - Linear Technology LT1786F Datasheet HTML 4Page - Linear Technology LT1786F Datasheet HTML 5Page - Linear Technology LT1786F Datasheet HTML 6Page - Linear Technology LT1786F Datasheet HTML 7Page - Linear Technology LT1786F Datasheet HTML 8Page - Linear Technology LT1786F Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1786F
ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = SHUTDOWN = SMBSUS = SCL = SDA = 3.3V, BAT = Royer = BULB = 12V, ICCFL = CCFL VSW = Open,
DIO = IOUT = GND, CCFL VC = 0.5V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CCFL High-Side Sense Servo Current
BAT = 5V to 30V, ICCFL = 100µA,
0.1
0.16
%/V
Line Regulation
I(VC) = 0µA at CCFL VC = 1.5V
CCFL High-Side Sense Supply Current Current Measured into BAT and Royer Pins
q
50
100
150
µA
BULB Protect Servo Voltage
ICCFL = 100µA, I(VC) = 0µA at CCFL VC = 1.5V,
q
6.5
7.0
7.5
V
Servo Voltage Measured between BAT and BULB Pins
BULB Input Bias Current
ICCFL = 100µA, I(VC) = 0µA at CCFL VC = 1.5V
5
9
µA
ILIM
CCFL Switch Current Limit
Duty Cycle = 50%
q
1.25
1.9
3.0
A
Duty Cycle = 75% (Note 3)
q
0.9
1.6
2.6
A
VSAT
CCFL Switch On Resistance
CCFL ISW = 1A
q
0.6
1.0
Ω
∆I
Q
Supply Current Increase During
CCFL ISW = 1A
20
30
mA/A
∆ISW
CCFL Switch On Time
DAC Resolution
6
Bits
DAC Full-Scale Current
V(IOUT) = 0.465V
98
100
102
µA
q
96
100
104
µA
DAC Zero Scale Current
V(IOUT) = 0.465V
q
±200
nA
DAC Differential Nonlinearity
q
±0.1
±1
LSB
DAC Supply Voltage Rejection
3V
≤ VCC ≤ 6.5V, IOUT = Full Scale, V(IOUT) = 0.465V
q
0.2
2
LSB
IIN
Logic Input Current
0V
≤ VIN ≤ VCC
q
±1
µA
VIH
High Level Input Voltage
ADR
q
VCC – 0.3
V
SMBSUS
q
2.4
V
SCL, SDA
q
1.4
V
VIL
Low Level Input Voltage
SMBSUS, ADR
q
0.8
V
SCL, SDA
q
0.6
V
VOL
Low Level Output Voltage
IOUT = 3mA, SDA Only
q
0.4
V
IOUT = 1.6mA, SMBSUS = 0V, Measured at SHDN Pin
q
0.4
V
SMBus Timing (Notes 4, 5)
fSMB
SMB Operating Frequency
q
10
100
kHz
tBUF
Bus Free Time Between Stop and Start Condition
q
4.7
µs
tHD:STA
Hold Time After (Repeated) Start Condition
q
4.0
µs
tSU:STA
Repeated Start Condition Setup Time
q
4.7
µs
tSU:STO
Stop Condition Setup Time
q
4.0
µs
tHD:DAT
Data Hold Time
q
300
ns
tSU:DAT
Data Setup Time
q
250
ns
tLOW
Clock Low Period
q
4.7
µs
tHIGH
Clock High Period
q
4.0
50
µs
tf
Clock/Data Fall Time
q
300
ns
tr
Clock/Data Rise Time
q
1000
ns
Note 3: For duty cycles (DC) between 50% and 80%, minimum
guaranteed switch current is given by ILIM = 1.4(1.393 – DC) for the
LT1786F due to internal slope compensation circuitry.
Note 4: Timings for all signals are referenced to VIH and VIL signals.
Note 5: These parameters are guaranteed by design and are not tested in
production. Refer to the Timing Diagrams for additional information.
The q denotes specifications which apply over the specified operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LT1786FCS: TJ = TA + (PD)(100°C/W)
Note 2: Does not include switch leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com