Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1786F Datasheet(PDF) 4 Page - Linear Technology

Part # LT1786F
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786F Datasheet(HTML) 4 Page - Linear Technology

  LT1786F Datasheet HTML 1Page - Linear Technology LT1786F Datasheet HTML 2Page - Linear Technology LT1786F Datasheet HTML 3Page - Linear Technology LT1786F Datasheet HTML 4Page - Linear Technology LT1786F Datasheet HTML 5Page - Linear Technology LT1786F Datasheet HTML 6Page - Linear Technology LT1786F Datasheet HTML 7Page - Linear Technology LT1786F Datasheet HTML 8Page - Linear Technology LT1786F Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1786F
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Temperature
TEMPERATURE (
°C)
–75
6
8
10
9
7
5
3
1
125
1786 G01
4
2
0
–25
– 50
0
50
100
150
25
75
175
TEMPERATURE (
°C)
60
8O
100
90
70
50
30
10
125
1786 G02
40
20
0
–25
– 55
– 5
50
100
150
25
75
VCC = 5V
SMBSUS = 0V
VCC = 3V
ISUS Current vs Temperature
SHDN Supply Current
vs Temperature
SHDN Input Bias Current
vs Temperature
SHDN Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
0.6
0.8
1.0
1.2
1.1
0.9
0.7
–25
25
75
125
1786 G05
175
–50
–75
0
50
100
150
Frequency vs Temperature
Maximum Duty Cycle
vs Temperature
TEMPERATURE (
°C)
–75
87
91
95
93
89
85
81
77
125 150
1786 G07
83
79
75
–25 0
–50
25 50
75 100
175
ICCFL Summing Voltage
Load Regulation
ICCFL PROGRAMMING CURRENT (µA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
40
80
120
160
1786 G09
200
20
0
60
100
140
180
T = –55
°C
T = 25
°C
T = 125
°C
TEMPERATURE (
°C)
0.53
0.52
0.51
0.50
0.49
0.48
0.47
0.46
0.45
0.44
0.43
0.42
0.41
0.40
0.39
0.38
–25
25
75
125
1786 G08
175
–50
–75
0
50
100
150
ICCFL Summing Voltage
vs Temperature
TEMPERATURE (
°C)
0
2
4
6
5
3
1
–25
25
75
125
1786 G04
175
–50
–75
0
50
100
150
VCC = 5V
VCC = 3V
TEMPERATURE (
°C)
300
270
240
210
180
150
120
90
60
30
0
125
1786 G03
–25
– 55
– 5
50
100
150
25
75
VCC = 5V
SHDN = 0V
VCC = 3V
TEMPERATURE (
°C)
–75
220
240
125
1786 G06
200
180
160
–25
25
75
175
210
230
190
170
100
–50
0
50
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com