Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1792 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1792
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792 Datasheet(HTML) 3 Page - Linear Technology

  LT1792 Datasheet HTML 1Page - Linear Technology LT1792 Datasheet HTML 2Page - Linear Technology LT1792 Datasheet HTML 3Page - Linear Technology LT1792 Datasheet HTML 4Page - Linear Technology LT1792 Datasheet HTML 5Page - Linear Technology LT1792 Datasheet HTML 6Page - Linear Technology LT1792 Datasheet HTML 7Page - Linear Technology LT1792 Datasheet HTML 8Page - Linear Technology LT1792 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1792
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VS = ±15V, VCM = 0V, unless otherwise noted.
LT1792C/LT1792I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
1200
4800
1000
4500
V/mV
VO = ±10V, RL = 1k
600
4000
500
3000
V/mV
VOUT
Output Voltage Swing
RL = 10k
±13.0 ±13.2
±13.0 ±13.2
V
RL = 1k
±12.0 ±12.3
±12.0 ±12.3
V
SR
Slew Rate
RL ≥ 2k (Note 7)
2.3
3.4
2.3
3.4
V/
µs
GBW
Gain-Bandwidth Product
fO = 100kHz
4.0
5.6
4.0
5.6
MHz
IS
Supply Current
4.2
5.20
4.2
5.20
mA
VS = ±5V
4.2
5.15
4.2
5.15
mA
Offset Voltage
RPOT (to VEE) = 10k
10
10
mV
Adjustment Range
The q denotes specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C. VS = ±15V, VCM = 0V,
unless otherwise noted. (Note 9)
LT1792AC
LT1792C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
0.4
0.8
0.8
2.7
mV
VS = ± 5V
q
0.6
1.2
1.2
3.2
mV
∆VOS
Average Input Offset
(Note 6)
q
410
7
40
µV/°C
∆Temp
Voltage Drift
IOS
Input Offset Current
q
180
500
180
500
pA
IB
Input Bias Current
q
500
1800
500
1800
pA
VCM
Input Voltage Range
q
12.9
13.4
12.9
13.4
V
q
–10.0
–10.8
–10.0
–10.8
V
CMRR
Common Mode Rejection Ratio
VCM = –10V to 12.9V
q
81
104
79
99
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±20V
q
85
99
81
97
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10k
q
900
3600
800
3400
V/mV
VO = ±10V, RL = 1k
q
500
2600
400
2400
V/mV
VOUT
Output Voltage Swing
RL = 10k
q
±12.9 ±13.2
±12.9 ±13.2
V
RL = 1k
q
±11.9 ±12.15
±11.9 ±12.15
V
SR
Slew Rate
RL ≥ 2k (Note 7)
q
2.1
3.1
2.1
3.1
V/
µs
GBW
Gain-Bandwidth Product
fO = 100kHz
q
3.2
4.5
3.2
4.5
MHz
IS
Supply Current
q
4.2
5.30
4.2
5.30
mA
VS = ±5V
q
4.2
5.25
4.2
5.25
mA
LT1792AC/LT1792AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com