Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1792 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1792
Description  Low Noise, Precision, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1792 Datasheet HTML 3Page - Linear Technology LT1792 Datasheet HTML 4Page - Linear Technology LT1792 Datasheet HTML 5Page - Linear Technology LT1792 Datasheet HTML 6Page - Linear Technology LT1792 Datasheet HTML 7Page - Linear Technology LT1792 Datasheet HTML 8Page - Linear Technology LT1792 Datasheet HTML 9Page - Linear Technology LT1792 Datasheet HTML 10Page - Linear Technology LT1792 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1792
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
THD and Noise vs Output
Amplitude for Noninverting Gain
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1792 G18
0.0001
0.3
ZL = 2k  15pF, fO = 1kHz
AV = 1, 10, 100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = 100
AV = 10
AV = 1
THD and Noise vs Output
Amplitude for Inverting Gain
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1792 G19
0.0001
0.3
ZL = 2k  15pF, fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = –100
AV = –10
AV = –1
TEMPERATURE (
°C)
–75
10
15
20
25
30
–25
50
25
100
1792 G20
35
40
–50
0
75
125
SINK
SOURCE
VS = ±15V
Short-Circuit Output Current
vs Temperature
TEMPERATURE (
°C)
–75
3
4
–25
50
25
100
1792 G21
5
–50
0
75
125
VS = ±15V
VS = ±5V
Supply Current vs Temperature
Figure 1
2
3
1
5
∆VOS = ±10mV
50k
15V
– 15V
1792 F01a
4
6
7
2
3
1
5
∆VOS = ±1mV
50k
10k
10k
15V
– 15V
1792 F01b
4
6
7
(b)
(a)
S
APPLICATI
I FOR ATIO
The LT1792 may be inserted directly into OPA124, AD743,
AD745, AD645, AD544 and AD820 sockets with improved
noise performance. Offset nulling will be compatible with
these devices with the wiper of the potentiometer tied to
the negative supply (Figure 1a). No appreciable change in
offset voltage drift with temperature will occur when the
device is nulled with a potentiometer ranging from 10k to
200k. Finer adjustments can be made with resistors in
series with the potentiometer (Figure 1b).
Being a low voltage noise JFET op amp, the LT1792 can
replace many bipolar op amps that are used in amplifying
low level signals from high impedance transducers. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com