Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906LP Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMBT3906LP
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906LP Datasheet(HTML) 6 Page - Diodes Incorporated

  MMBT3906LP_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT3906LP
Document number: DS31836 Rev. 7 - 2
6 of 7
www.diodes.com
May 2015
© Diodes Incorporated
MMBT3906LP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
L3
L1
L2
e
b
D
E
A
z
b2
A1
Seating Plane
Pin #1 ID
C
Y1
X1
X
G2
Y
G1
X1-DFN1006-3
Dim
Min
Max Typ
A
0.47 0.53 0.50
A1
0.00 0.05 0.03
b
0.10 0.20 0.15
b2
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.35
L1
0.20 0.30 0.25
L2
0.20 0.30 0.25
L3
-
-
0.40
z
0.02 0.08 0.05
All Dimensions in mm
Dimensions
Value (in mm)
C
0.70
G1
0.30
G2
0.20
X
0.40
X1
1.10
Y
0.25
Y1
0.70



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com