Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBT3906LP
Description  40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906LP Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBT3906LP_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3906LP_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT3906LP
Document number: DS31836 Rev. 7 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
MMBT3906LP
Thermal Characteristics
0.000001
0.0001
0.01
1
100
10,000
0.001
0.01
0.1
1
t1, PULSE DURATION TIME (sec)
Fig. 1 Transient Thermal Resistance
R
(t) = r(t) * R
JA
JA
R
= 310°C/W
JA
Duty Cycle, D = t1/ t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
1,000
1E-06
0.0001
0.01
1
100
10,000
100
10
1
0.1
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
Single Pulse
R
= 310°C/W
JA
R
= r
* R
JA(t)
(t)
JA
T - T = P * R
J
A
JA(t)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com