Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1061AM Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1061AM
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061AM Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1061AM Datasheet HTML 5Page - Linear Technology LTC1061AM Datasheet HTML 6Page - Linear Technology LTC1061AM Datasheet HTML 7Page - Linear Technology LTC1061AM Datasheet HTML 8Page - Linear Technology LTC1061AM Datasheet HTML 9Page - Linear Technology LTC1061AM Datasheet HTML 10Page - Linear Technology LTC1061AM Datasheet HTML 11Page - Linear Technology LTC1061AM Datasheet HTML 12Page - Linear Technology LTC1061AM Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1061
Another example of Mode 1b is illustrated on the front
page of the data sheet. The cascading sequence of this 6th
order bandpass filter is shown in block diagram form,
Figure 10a. the filter is geometrically centered around the
side B of the LTC1061 connected in Mode 1. This dictates
a clock-to-center frequency ratio of 50:1 or 100:1. The side
A of the IC operates in Mode 1b to provide the lower center
frequency of 0.95 and still share the same clock with the
rest of the filter. With this approach the bandpass filter can
operate with center frequencies up to 24kHz. The speed of
the filter could be further improved by using Mode 1 to lock
the higher resonant frequency of 1.05 and higher Q or 31.9
to the clock, Figure 10b, thus changing the clock to center
frequency ratio to 52.6:1.
Mode 3a – This is an extension of Mode 3 where the
highpass and lowpass outputs are summed through two
external resistors Rh and Rl to create a notch, Figure 11.
Mode 3a is very versatile because the notch frequency can
be higher or lower than the center frequency of the 2nd
order section. The external op amp of Figure 11 is not
always required. When cascading the sections of the
LTC1061, the highpass and lowpass outputs can be
summed directly into the inverting input of the next
section. Figure 12 shows an LTC1061 providing a 6th
order elliptic bandpass or notch response. Sides C and B
are connected in Mode 3a while side A is connected in
Mode 1 and uses only two resistors. The resulting filter
response is then geometrically symmetrical around either
the center frequency of side A (for bandpass responses) or
the notch frequency of side A (for notch responses).
Figure 11. Mode 3a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass, Notch
ODES OF OPERATIO
Figure 10a. Cascading Sequence of the Bandpass Filter Shown
on the Front Page, with (fCLK/fO) = 50:1 or 100:1
Figure 10b. Cascading Sequence of the Same Filter for Speed
Optimization, and with (fCLK/fO) = 52.6:1
MODE 1b
MODE 1
MODE 3
SIDE A
SIDE B
SIDE C
VIN
VOUT
fO1 = 0.95
Q1 = 31.9
fO2 = 1.05
Q2 = 31.9
fO3 = 1
Q3 = 15.9
1061 F10b
MODE 1b
MODE 1
MODE 3
SIDE A
SIDE B
SIDE C
VIN
VOUT
fO1 = 0.95
Q1 = 31.9
fO2 = 1
Q2 = 15.9
fO3 = 1.05
Q3 = 31.9
1061 F10a
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1061 F11
+
–
S
R2
R3
R4
CC
NOTE: FOR Q > 5 AND fCLK > 1MHz, ADD CC SUCH AS CC ≅
–
+
EXTERNAL OP AMP OR
INPUT OP AMP OF THE
LTC1061, SIDES A, B, C
NOTCH
Rg
Rl
Rh
√
R2
R1
R3
R2
R4
R1
R4
R1
fO =
; fn =
; HOHP = –
; HOBP = –
; HOLP = –
HON1 (f → 0) =
×
; HON2
=
×
; HON (f = fO) = Q
HOLP –
HOHP
Q =
fCLK
100(50)
R2
R1
R3
R1
√R2
R4
fCLK
2
f
→
()
fCLK
100(50)
√Rh
Rl
Rg
Rl
Rg
Rh
()
Rg
Rl
Rg
Rh
R2
R4
0.16
R4
× 1.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com