Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1061AM Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1061AM
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061AM Datasheet(HTML) 3 Page - Linear Technology

  LTC1061AM Datasheet HTML 1Page - Linear Technology LTC1061AM Datasheet HTML 2Page - Linear Technology LTC1061AM Datasheet HTML 3Page - Linear Technology LTC1061AM Datasheet HTML 4Page - Linear Technology LTC1061AM Datasheet HTML 5Page - Linear Technology LTC1061AM Datasheet HTML 6Page - Linear Technology LTC1061AM Datasheet HTML 7Page - Linear Technology LTC1061AM Datasheet HTML 8Page - Linear Technology LTC1061AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1061
ELECTRICAL C
C
HARA TERISTICS
(Complete Filter)VS = ±5V, TA = 25°C, T
2L clock input level, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Offset Voltage
VOS1, Figure 23
q
215
mV
VOS2
fCLK = 250kHz, 50:1
q
330
mV
VOS2
fCLK = 500kHz, 100:1
q
660
mV
VOS3, LTC1061CN, ACN/LTC1061CS
fCLK = 250kHz, 50:1
q
3
20/25
mV
VOS3, LTC1061CN, ACN/LTC1061CS
fCLK = 500kHz, 100:1
q
6
40/50
mV
Clock Feedthrough
fCLK < 1MHz
0.4
mVRMS
Maximum Clock Frequency
Mode 1, Q < 5, VS ≥ ±5
2.5
MHz
Power Supply Current
6
8
11
mA
q
15
mA
(Internal Op Amps) TA = 25°C, unless otherwise specified.
Supply Voltage Range
±2.37
±9V
Voltage Swings
LTC1061A
VS = ±5V, RL = 5k (Pins 1,2,13,14,19,20)
±4.0
±4.2
V
LTC1061
VS = ±5V, RL = 3.5k (Pins 3,12,18)
±3.8
±4.2
V
LTC1061, LTC1061A
q
±3.6
V
Output Short-Circuit Current
Source/Sink
VS = ±5V
40/3
mA
DC Open-Loop Gain
VS = ±5V, RL = 5k
80
dB
GBW Product
VS = ±5V
3
MHz
Slew Rate
VS = ±5V
7
V/
µs
The q denotes the specifications which apply over the full operating
temperature range.
(Complete Filter)VS = ±2.37V, TA = 25°C, unless otherwise specified.
Center Frequency Range, fO
fO × Q ≤ 120kHz, Mode 1, 50:1
0.1– 12k
Hz
fO × Q ≤ 120kHz, Mode 3, 50:1
0.1– 10k
Hz
Input Frequency Range
0 – 20k
Hz
Clock-to-Center Frequency Ratio
50:1, fCLK = 250kHz, Q = 10
LTC1061A
Sides A, B: Mode 1
50
±0.6%
LTC1061
Side C, Mode 3, 250kHz
50
±1.0%
LT1061A
100:1, fCLK = 500kHz, Q = 10
100
±0.6%
LT1061
Sides A, B: Mode 1
100
±1.0%
Side C: Mode 3
Q Accuracy
LTC1061A
Same as Above
±2%
LTC1061
±3%
Maximum Clock Frequency
700
kHz
Power Supply Current
4.5
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com