Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1067 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1067
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067 Datasheet(HTML) 3 Page - Linear Technology

  LTC1067 Datasheet HTML 1Page - Linear Technology LTC1067 Datasheet HTML 2Page - Linear Technology LTC1067 Datasheet HTML 3Page - Linear Technology LTC1067 Datasheet HTML 4Page - Linear Technology LTC1067 Datasheet HTML 5Page - Linear Technology LTC1067 Datasheet HTML 6Page - Linear Technology LTC1067 Datasheet HTML 7Page - Linear Technology LTC1067 Datasheet HTML 8Page - Linear Technology LTC1067 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1067/LTC1067-50
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Q Accuracy
VS = 3V, fCLK = 250kHz, Q = 5
q
±0.5
±2%
VS = 4.75V, fCLK = 250kHz, Q = 5
q
±0.5
±2%
VS = ±5V, fCLK = 500kHz, Q = 5
q
±0.5
±2%
fO Temperature Coefficient
±1
ppm/
°C
Q Temperature Coefficient
±5
ppm/
°C
DC Offset Voltage (See Table 2)
VOS1 (DC Offset of Input Inverter)
q
±3
±12.5
mV
VOS2 (DC Offset of First Integrator)
q
±4
±15.0
mV
VOS3 (DC Offset of Second Integrator)
q
±4
±15.0
mV
Clock Feedthrough
150
µVRMS
Maximum Clock Frequency
Q < 2.5, VS = ±5V
2.0
MHz
Power Supply Current
VS = 3V, fCLK = 250kHz
q
2.50
4.5
mA
VS = 4.75V, fCLK = 250kHz
q
3.00
5.5
mA
VS = ±5V, fCLK = 500kHz
q
4.35
7.5
mA
LTC1067 (complete filter) VS = 4.75V, fCLK = 250kHz, TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, fO (Note 1)
0.001 to 40
kHz
Input Frequency Range
0 to 1
MHz
Clock-to-Center Frequency, fCLK/fO
VS = 3V, fCLK = 125kHz, Mode 1, fO = 2.5kHz, Q = 5
50:1
±0.2
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.75
%
VS = 4.75V, fCLK = 125kHz, Mode 1, fO = 2.5kHz, Q = 5
50:1
±0.2
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.75
%
VS = ±5V, fCLK = 250kHz, Mode 1, fO = 5kHz, Q = 5
50:1
±0.3
%
R1 = R3 = 49.9k, R2 = 10k
q
±0.75
%
Clock-to-Center Frequency Ratio,
VS = 3V, fCLK = 125kHz, Q = 5
q
±0.2
±0.55
%
Side-to-Side Matching
VS = 4.75V, fCLK = 125kHz, Q = 5
q
±0.2
±0.55
%
VS = ±5V, fCLK = 250kHz, Q = 5
q
±0.2
±0.55
%
Q Accuracy
VS = 3V, fCLK = 125kHz, Q = 5
q
±0.5
±2%
VS = 4.75V, fCLK = 125kHz, Q = 5
q
±0.5
±2%
VS = ±5V, fCLK = 250kHz, Q = 5
q
±0.5
±2%
LTC1067-50 (internal op amps) VS = 4.75V, TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Range
2.7
11
V
Positive Output Voltage Swing
VS = 3V, RL = 10k
q
2.65
2.80
V
VS = 4.75V, RL = 10k
q
4.25
4.50
V
VS = ±5V, RL = 10k
q
4.15
4.50
V
Negative Output Voltage Swing
VS = 3V, RL = 10k
q
0.020
0.200
V
VS = 4.75V, RL = 10k
q
0.025
0.225
V
VS = ±5V, RL = 10k
q
– 4.96
– 4.80
V
Output Short-Circuit Current
VS = 3V
16/0.6
mA
(Source/Sink)
VS = 4.75V
33/1.2
mA
VS = ±5V
70/5.7
mA
DC Open-Loop Gain
RL = 10k
90
dB
GBW Product
RL = 10k
1.9
MHz
Slew Rate
RL = 10k
0.8
V/
µs
LTC1067-50 (complete filter) VS = 4.75V, fCLK = 125kHz, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com