Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1067 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1067
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1067 Datasheet HTML 2Page - Linear Technology LTC1067 Datasheet HTML 3Page - Linear Technology LTC1067 Datasheet HTML 4Page - Linear Technology LTC1067 Datasheet HTML 5Page - Linear Technology LTC1067 Datasheet HTML 6Page - Linear Technology LTC1067 Datasheet HTML 7Page - Linear Technology LTC1067 Datasheet HTML 8Page - Linear Technology LTC1067 Datasheet HTML 9Page - Linear Technology LTC1067 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1067/LTC1067-50
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1067-50
Noise + THD vs Input Voltage
LTC1067-50
Noise + THD vs Input Frequency
LTC1067-50
Noise + THD vs Input Voltage
INPUT VOLTAGE (VRMS)
0.1
1
1067 G16
4TH ORDER BUTTERWORTH LPF
VS = SINGLE 5V, fIN = 1kHz
fCLK = 250kHz, f–3dB = 5kHz
RL = 20k
–20
–30
–40
–50
–60
–70
–80
–90
–100
2
MODE 1
MODE 3
INPUT VOLTAGE (VRMS)
0.1
1
5
1067 G17
–20
–30
–40
–50
–60
–70
–80
–90
–100
4TH ORDER BUTTERWORTH LPF
VS = ±5V, fIN = 1kHz
fCLK = 250kHz (225kHz FOR MODE 2)
f–3dB = 10kHz, RL = 20k
MODE 1
MODE 2
MODE 3
INPUT FREQUENCY (kHz)
13
4
5
–60
–65
–70
–75
–80
–85
–90
2
1067 G18
4TH ORDER BUTTERWORTH LPF
VS = SINGLE 3V, fCLK = 200kHz
VIN = 0.34VRMS, f–3dB = 4kHz, RL = 20k
MODE 1
MODE 3
LTC1067-50
Noise + THD vs Input Frequency
LTC1067-50
Noise vs Q
LTC1067-50
Noise + THD vs Input Frequency
INPUT FREQUENCY (kHz)
13
4
5
–60
–65
–70
–75
–80
–85
–90
2
1067 G19
4TH ORDER BUTTERWORTH LPF
VS = SINGLE 5V, fCLK = 250kHz
VIN = 0.5VRMS, f–3dB = 5kHz, RL = 20k
MODE 1
MODE 3
INPUT FREQUENCY (kHz)
13
4
5
–60
–65
–70
–75
–80
–85
–90
2
1067 G20
4TH ORDER BUTTERWORTH LPF
VS = ±5V, fCLK = 250kHz
VIN = 1VRMS, f–3dB = 5kHz
RL = 20k
MODE 1
MODE 3
Q
400
350
300
250
200
150
100
50
0
1067 G21
25
0
5
10 15 20
30 35 40 45 50
±5V
5V
3V
LTC1067-50
Output Voltage Swing vs Load
Resistance,
±5V Supply Voltage
LOAD RESISTANCE (k
Ω TO GND)
10.0
9.8
9.6
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
1067 G22
10
0
2
4
6
8
12 14 16 18 20
VS = ±5V
LTC1067-50
Output Voltage Swing vs Load
Resistance, Single Supply Voltage
LOAD RESISTANCE (k
Ω TO V–)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1067 G23
10
0
2
4
6
8
12 14 16 18 20
VS = 5V
VS = 3V
TOTAL POWER SUPPLY (V)
3
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
68
1067 G24
45
79
10
70
°C
20
°C
25
°C
LTC1067-50
Power Supply Current
vs Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com