| Electronic Components Datasheet Search |
|
LTC1090CSW Datasheet(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1090CSW Datasheet(HTML) 15 Page - Linear Technology |
|
15 / 28 page ![]() 15 LTC1090 1090fc serial formats (see Table 2). If an MPU without a serial interface is used, then 4 of the MPU’s parallel port lines can be programmed to form the serial link to the LTC1090. Included here are three serial interface examples and one example showing a parallel port programmed to form the serial interface. Table 2. Microprocessors with Hardware Serial Interfaces Compatible with the LTC1090** PART NUMBER TYPE OF INTERFACE Motorola MC6805S2, S3 SPI MC68HC11 SPI MC68HC05 SPI RCA CDP68HC05 SPI Hitachi HD6305 SCI Synchronous HD63705 SCI Synchronous HD6301 SCI Synchronous HD63701 SCI Synchronous HD6303 SCI Synchronous National Semiconductor COP400 Family MICROWIRE † COP800 Family MICROWIRE/PLUS† NS8050U MICROWIRE/PLUS HPC16000 Family MICROWIRE/PLUS Texas Instruments TMS7002 Serial Port TMS7042 Serial Port TMS70C02 Serial Port TMS70C42 Serial Port TMS32011* Serial Port TMS32020* Serial Port *Requires external hardware **Contact LTC Marketing for interface information for processors not on this list †MICROWIRE and MlCROWIRE/PLUS are trademarks of National Semiconductor Corp. Serial Port Microprocessors Most synchronous serial formats contain a shift clock (SCLK) and two data lines, one for transmitting and one for receiving. In most cases data bits are transmitted on the falling edge of the clock (SCLK) and captured on the rising edge. However, serial port formats vary among MPU manufacturers as to the smallest number of bits that can be sent in one group (e.g., 4-bit, 8-bit or 16-bit transfers). They also vary as to the order in which the bits are transmitted (LSB or MSB first). The following examples show how the LTC1090 accommodates these differences. National MICROWIRE (COP420) The COP420 transfers data MSB first and in 4-bit incre- ments (nibbles). This is easily accommodated by setting the LTC1090 to MSB first format and 12-bit word length. The data output word is then received by the COP420 in three 4-bit blocks with the final two unused bits filled with zeroes by the LTC1090. Hardware and Software Interface to National Semiconductor COP420 Processor APPLICATIO S I FOR ATIO MNEMONIC DESCRIPTION LEI Enable SlO SC Set Carry flag OGI G0 is set to (CS goes low) LDD Load first 4 bits of DIN to ACC XAS Swap ACC with SIO reg. Starts SK Clk LDD Load 2nd 4 bits of DIN to ACC NOP Timing XAS Swap first 4 bits from A/D with ACC. SK continues. XIS Put first 4 bits in RAM (location A) NOP Timing XAS Swap 2nd 4 bits from A/D with ACC. SK continues. XIS Put 2nd 4 bits in RAM (location A + 1) RC Clear Carry NOP Timing XAS Swap 3rd 4 bits from A/D with ACC. SK off XIS Put 3rd 4 bits in RAM (location A + 2) OGI G0 is set to 1 (CS goes high) LEI Disable SlO LTC1090 ANALOG INPUTS DOUT DOUT from LTC1090 stored in COP420 RAM DIN SCLK GO SK SO SI COP420 CS B9 Location A Location A + 1 first 4 bits second 4 bits third 4 bits LSB MSB* B8 B7 B6 B5 B4 B3 B2 Location A + 2 B1 B0 B0 B0 LTC1090 • AI11 *B9 is MSB in unipolar or sign bit in bipolar |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |