Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1090CSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1090CSW
Description  Single Chip 10-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1090CSW Datasheet HTML 16Page - Linear Technology LTC1090CSW Datasheet HTML 17Page - Linear Technology LTC1090CSW Datasheet HTML 18Page - Linear Technology LTC1090CSW Datasheet HTML 19Page - Linear Technology LTC1090CSW Datasheet HTML 20Page - Linear Technology LTC1090CSW Datasheet HTML 21Page - Linear Technology LTC1090CSW Datasheet HTML 22Page - Linear Technology LTC1090CSW Datasheet HTML 23Page - Linear Technology LTC1090CSW Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1090
1090fc
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 10). Again, the “+” and “–” input sampling
times can be extended as described above to accommo-
date slower op amps. Most op amps including the LT1006
and LT1013 single supply op amps can be made to settle
well even with the minimum settling windows of 4µs (“+”
input) and 2µs (“–” input) which occur at the maximum
clock rates (ACLK = 2MHz and SCLK = 1MHz). Figures 11
and 12 show examples of adequate and poor op amp
settling.
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 13. For large values of CF (e.g., 1µF), the
capacitive input switching currents are averaged into a net
DC current. Therefore, a filter should be chosen with a
small resistor and large capacitor to prevent DC drops
across the resistor. The magnitude of the DC current is
approximately lDC = 60pF x VIN/tCYC and is roughly propor-
tional to VIN. When running at the minimum cycle time of
33µs, the input current equals 9µA at VIN = 5V. In this case,
a filter resistor of 50Ω will cause 0.1LSB of full-scale error.
If a larger filter resistor must be used, errors can be
eliminated by increasing the cycle time as shown in the
typical curve of Maximum Filter Resistor vs Cycle Time.
Figure 11. Adequate Settling of Op Amp Driving Analog Input
Figure 12. Poor Op Amp Settling can Cause A/D Errors
Figure 13. RC Input Filtering
APPLICATIO S I FOR ATIO
HORIZONTAL: 1µs/DIV
HORIZONTAL: 20µs/DIV
LTC1090 • AI18
VIN
RFILTER
IDC
CFILTER
LTC1090
“ + ”
“ – ”
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum input
leakage specification of 1µA (at 125°C) flowing through a
source resistance of 1kΩ will cause a voltage drop of 1mV
or 0.2LSB. This error will be much reduced at lower
temperatures because leakage drops rapidly (see typical
curve of Input Channel Leakage Current vs Temperature).
Noise Coupling into Inputs
High source resistance input signals (>500Ω) are more
sensitive to coupling from external sources. It is preferable
to use channels near the center of the package (i.e., CH2 to
CH7) for signals which have the highest output resistance
because they are essentially shielded by the pins on the
package ends (DGND and CH0). Grounding any unused
inputs (especially the end pin, CH0) will also reduce
outside coupling into high source resistances.
4. Sample-and-Hold
Single Ended Inputs
The LTC1090 provides a built-in sample and hold (S&H)
function for all signals acquired in the single ended mode
(COM pin grounded). This sample and hold allows the
LTC1090 to convert rapidly varying signals (see typical
curve of S&H Acquisition Time vs Source Resistance). The
input voltage is sampled during the tSMPL time as shown
in Figure 10. The sampling interval begins after the fourth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com