Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P0076 Datasheet(PDF) 39 Page - NEC

Part # UPD75P0076
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0076 Datasheet(HTML) 39 Page - NEC

Back Button UPD75P0076 Datasheet HTML 35Page - NEC UPD75P0076 Datasheet HTML 36Page - NEC UPD75P0076 Datasheet HTML 37Page - NEC UPD75P0076 Datasheet HTML 38Page - NEC UPD75P0076 Datasheet HTML 39Page - NEC UPD75P0076 Datasheet HTML 40Page - NEC UPD75P0076 Datasheet HTML 41Page - NEC UPD75P0076 Datasheet HTML 42Page - NEC UPD75P0076 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
µPD75P0076
39
AC CHARACTERISTICS (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle
tCY
Operating on
VDD = 2.7 to 5.5 V
0.67
64
µs
time Note 1
main system clock
0.95
64
µs
(Minimum instruction execution
Operating on
114
122
125
µs
time = 1 machine cycle)
subsystem clock
TI0, TI1 input
fTI
VDD = 2.7 to 5.5 V
0
1.0
MHz
frequency
0
275
kHz
TI0, TI1 input
tTIH, tTIL
VDD = 2.7 to 5.5 V
0.48
µs
high-/low-level width
1.8
µs
Interrupt input high-/
tINTH, tINTL
INT0
IM02 = 0
Note 2
µs
low-level width
IM02 = 1
10
µs
INT1, 2, 4
10
µs
KR0 to KR3
10
µs
RESET low-level width
tRSL
10
µs
Notes 1. The cycle time (minimum instruction
execution time) of the CPU clock (
Φ)
is determined by the oscillation
frequency of the connected resonator
(and external clock), the system clock
control register (SCC) and the
processor clock control register
(PCC).
The figure at the right
indicates the cycle time tCY versus
supply voltage VDD characteristic with
the main system clock operating.
2. 2tCY or 128/fx is set by setting the
interrupt mode register (IM0).
1
02
3
4
5
6
0.5
1
3
2
4
5
6
60
64
Supply Voltage VDD [V]
tCY vs VDD
(At main system clock operation)
Guaranteed Operation
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com