Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P0076 Datasheet(PDF) 1 Page - NEC

Part # UPD75P0076
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0076 Datasheet(HTML) 1 Page - NEC

  UPD75P0076 Datasheet HTML 1Page - NEC UPD75P0076 Datasheet HTML 2Page - NEC UPD75P0076 Datasheet HTML 3Page - NEC UPD75P0076 Datasheet HTML 4Page - NEC UPD75P0076 Datasheet HTML 5Page - NEC UPD75P0076 Datasheet HTML 6Page - NEC UPD75P0076 Datasheet HTML 7Page - NEC UPD75P0076 Datasheet HTML 8Page - NEC UPD75P0076 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
©
1995
DATA SHEET
The
µPD75P0076 replaces the µPD750068’s internal mask ROM with a one-time PROM and features expanded ROM
capacity.
Because the
µPD75P0076 supports programming by users, it is suitable for use in prototype testing for system
development using the
µPD750064, 750066, and 750068 products, and for use in small-lot production.
Detailed information about function is provided in the following user’s manual.
Be sure to read it before designing:
µPD750068 User’s Manual: U10670E
FEATURES
Compatible with
µPD750068
Memory capacity:
• PROM : 16384 x 8 bits
• RAM
: 512 x 4 bits
Can operate with same power supply voltage as the mask ROM version
µPD750068
VDD = 1.8 to 5.5 V
On-chip A/D converter capable of low-voltage operation (AVREF = 1.8 to 5.5 V)
8-bit resolution x 8 channels
Small shrink SOP package
ORDERING INFORMATION
Part Number
Package
µPD75P0076CU
42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD75P0076GT
42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
Caution On-chip pull-up resistors by mask option cannot be provided.
Document No. U10232EJ1V0DS00 (1st edition)
Date Published December 1996 N
Printed in Japan
µPD75P0076
MOS INTEGRATED CIRCUIT
4-BIT SINGLE-CHIP MICROCONTROLLER
The information in this document is subject to change without notice.
The mark
shows major revised points.


Similar Part No. - UPD75P0076

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P0076 RENESAS-UPD75P0076 Datasheet
593Kb / 64P
MOS INTEGRATED CIRCUIT
1995
UPD75P0076CU RENESAS-UPD75P0076CU Datasheet
593Kb / 64P
MOS INTEGRATED CIRCUIT
1995
UPD75P0076CU-A RENESAS-UPD75P0076CU-A Datasheet
593Kb / 64P
MOS INTEGRATED CIRCUIT
1995
UPD75P0076GT RENESAS-UPD75P0076GT Datasheet
593Kb / 64P
MOS INTEGRATED CIRCUIT
1995
UPD75P0076GT-A RENESAS-UPD75P0076GT-A Datasheet
593Kb / 64P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD75P0076

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
4 BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
logo
NEC
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com