Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1255CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1255CS8
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1255CS8 Datasheet HTML 6Page - Linear Technology LTC1255CS8 Datasheet HTML 7Page - Linear Technology LTC1255CS8 Datasheet HTML 8Page - Linear Technology LTC1255CS8 Datasheet HTML 9Page - Linear Technology LTC1255CS8 Datasheet HTML 10Page - Linear Technology LTC1255CS8 Datasheet HTML 11Page - Linear Technology LTC1255CS8 Datasheet HTML 12Page - Linear Technology LTC1255CS8 Datasheet HTML 13Page - Linear Technology LTC1255CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1255
The switches can either be turned OFF by the controlling
logic during these transients or latched OFF above 30V by
holding the drain sense pin low as shown in Figure 9.
Switch status can be ascertained by means of an XNOR
gate connected to the input and switch output through
100k current limiting resistors (see Typical Applications
section for more detail on this scheme). The switch is reset
after the overvoltage event by cycling the input low and
then high again.
The power MOSFET switch should be selected to have a
breakdown voltage sufficiently higher than the 40V supply
clamp voltage to ensure that no current is conducted to the
load during the transient.
APPLICATIO S I FOR ATIO
Figure 9. Overvoltage Transient Protection
TYPICAL APPLICATIO S
Dual Automotive High-Side Switch with Overvoltage Protection,
XNOR Status and 12
µA Standby Current
VS
DS1
1/2 LTC1255
G1
GND
IN1
IRF530
12V
1N5242B
14V
RSENSE
0.036
Ω
LTC1255 • F09
LOAD
100
Ω
10k
1k*
D1
MR2535L
30V*
1N5256B
FROM
µP, ETC.
+
1
µF
50V
*OPTIONAL OVERVOLTAGE (30V) LATCH-OFF COMPONENTS
VS
DS2
LTC1255
IN2
GND
DS1
IN1
G1
G2
MTD3055E
1N5400
14V
MR2535L*
0.036
Ω
LTC1255 • TA03
10k**
12V
MMBZ5242B
100k
10k
FAULT
TO
µP
FROM
µP, ETC.
100
Ω
+
1
µF
50V
FAULT
TO
µP
FROM
µP, ETC.
10k
100k
1N5400
12V
MMBZ5242B
10k** MTD3055E
14V/1A
SOLENOID
0.036
Ω
14V/1A
SOLENOID
1/4 74C266
†
LIMITS VS TRANSIENTS TO <40V. SEE MANUFACTURER DATA SHEET FOR
FURTHER DETAIL.
OPTIONAL OPEN LOAD DETECTION REQUIRES 10k PULL-UP RESISTORS.
(ULTRA LOW STANDBY QUIESCENT CURRENT IS SACRIFICED)
POWER FROM 5V LOGIC SUPPLY.
*
**
†
IN
0
1
0
1
OUT
0
0
1
1
CONDITION
SWITCH OFF
OVERCURRENT
OPEN LOAD**
SWITCH ON
FAULT
1
0
0
1
TRUTH TABLE
1/4 74C266
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com