Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1255CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1255CS8
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1255CS8 Datasheet HTML 8Page - Linear Technology LTC1255CS8 Datasheet HTML 9Page - Linear Technology LTC1255CS8 Datasheet HTML 10Page - Linear Technology LTC1255CS8 Datasheet HTML 11Page - Linear Technology LTC1255CS8 Datasheet HTML 12Page - Linear Technology LTC1255CS8 Datasheet HTML 13Page - Linear Technology LTC1255CS8 Datasheet HTML 14Page - Linear Technology LTC1255CS8 Datasheet HTML 15Page - Linear Technology LTC1255CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1255
TYPICAL APPLICATIO S
Low Frequency (fO = 100Hz) PWM Motor Speed Control with
Current Limit and 22V Overvoltage Shutdown
Dual Automotive Lamp Dimmer with Controlled Rise and Fall Times
and Short-Circuit Protection
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
+
22V
MMBZ5251BL
100k
10k
10k
0.47
µF
100
Ω
0.1
µF
50V
LMC555
0.01
µF
3
5
2
6
8 4
22V
MMBZ5251BL
MR750
0.01
Ω
10
µF
50V
IRFR024
LTC1255 • TA06
+
1
µF
5.6V
9.1k
MR2535L
14V
1
0.1
µF
1k
1N4148
FAST
15k
MED
30k
SLOW
60k
OFF
1N4148
14V
MOTOR
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
100
Ω
LMC555
0.01
µF
3
5
2
6
8 4
+
10
µF
5.6V
9.1k
1
0.1
µF
1N4148
1N4148
100k
1k
PULSE
WIDTH
ADJUST
+
10
µF
50V
MR2535L
14V
0.1
µF
0.1
µF
30k
0.1
µF
0.05
Ω
100k
30k
12V
MMBZ5242B
#53
14V
BULBS
MTD3055E
12V
MMBZ5242B
MTD3055E
0.05
Ω
100k
LTC1255 • TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com