Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1261CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 6Page - Linear Technology LTC1261CS Datasheet HTML 7Page - Linear Technology LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1261
Most of this resistance is already provided by the internal
switches in the LTC1261 (especially in tripler mode). More
than 1
Ω or 2Ω of ESR on the flying capacitors will start to
affect the regulation at maximum load.
RESISTOR SELECTION
Resistor selection is easy with the fixed output versions of
the LTC1261— no resistors are needed! Selecting the
right resistors for the adjustable parts is only a little more
difficult. A resistor divider should be used to divide the
signal at the output to give 1.24V at the ADJ pin
with
respect to VOUT (Figure 6). The LTC1261 uses a positive
reference with respect to VOUT, not a negative reference
with respect to ground (Figure 2 shows the reference
connection). Be sure to keep this in mind when connecting
the resistors! If the initial output is not what you expected,
try swapping the two resistors.
APPLICATIONS INFORMATION
pump from going into very high frequency oscillation
under such conditions but it also creates an output error
as the feedback loop regulates based on the top of the
spike, not the average value of the output (Figure 5). The
resulting output voltage behaves as if a resistor of value
CESR × (IPK/IAVE)Ω was placed in series with the output. To
avoid this nasty sequence of events connect a 0.1
µF
ceramic capacitor in parallel with the larger output capaci-
tor. The ceramic capacitor will “eat” the high frequency
spike, preventing it from fooling the feedback loop, while
the larger but slower tantalum or aluminum output capaci-
tor supplies output current to the load between charge
cycles.
LOW ESR
OUTPUT CAP
CLOCK
VOUT
AVERAGE
VSET
COMP1
OUTPUT
VOUT
HIGH ESR
OUTPUT CAP
VOUT
AVERAGE
VSET
COMP1
OUTPUT
VOUT
LTC1261 • F05
Note that ESR in the flying capacitors will not cause the
same condition; in fact, it may actually improve the situa-
tion by cutting the peak current and lowering the ampli-
tude of the spike. However, more flying capacitor ESR is
not necessarily better. As soon as the RC time constant
approaches half of a clock period (the time the capacitors
have to share charge at full duty cycle) the output current
capability of the LTC1261 will begin to diminish. For 0.1
µF
flying capacitors, this gives a maximum total series resis-
tance of:
=
/ 0.1
µF = 9.1Ω
1
2
)
) tCLK
CFLY
1
2
)
) 1
550kHz
Figure 5. Output Ripple with Low and High ESR Capacitors
Figure 6. External Resistor Connections
LTC1261
GND
R1
6 (4*)
10 (5*)
11 (6*)
*LTC1261CS8
LTC1261 • F06
VOUT = –1.24V
R2
R1 + R2
R2
ADJ
OUT
()
The 14-pin adjustable parts include a built-in resistor
string which can provide an assortment of output voltages
by using different pin-strapping options at the R0, R1, and
RADJ pins (Table 2). The internal resistors are roughly
124k, 226k, 100k, and 50k (see Figure 2) giving output
options of – 3.5V, – 4V, – 4.5V, and – 5V. The resistors are
carefully matched to provide accurate divider ratios, but
the absolute values can vary substantially from part to
part. It is not a good idea to create a divider using an
external resistor and one of the internal resistors unless
the output voltage accuracy is not critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com