Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1261CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology LTC1261CS Datasheet HTML 15Page - Linear Technology LTC1261CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1261
TYPICAL APPLICATIONS N
2
3
4
5
8
13
12
11
10
9
SHDN
REG
OUT
ADJ
RADJ
C1+
C1–
C2+
C2–
R1
0.1
µF
100pF
1
µF
1N4733A
5.1V
NC
NC
LTC1261 • TA07
3.3
µF
–5V BIAS
10k
76
14
0.1
µF
SHUTDOWN
8V
≤ VBAT ≤ 12V
LTC1261
VCC
R0
GND
GaAs
TRANSMITTER
P-CHANNEL
POWER SWITCH
High Supply Voltage, – 5V Output GaAs FET Bias Generator
Low Output Voltage Generator
2
3
5
6
LTC1261
ADJ
OUT
C1+
C1–
LTC1261 • TA10
3.3
µF
= VCC – 10µA (RS + 124k)
= – 0.5V (RS = 426k)
= –1V (RS = 476k)
1N5817
1
5V
4
0.1
µF
1
µF
100pF
RS
VOUT
VCC
GND
124k
2
3
4
5
10
9
8
7
11
ADJ
RADJ
R1
R0
OUT
C1+
C1–
C2+
C2–
0.1
µF
LTC1261 • TA09
NC
NC
6
14
0.1
µF
100pF
1
µF
LTC1261
3V
≤ VCC ≤ 7V
VCC
GND
3.3
µF
–5V
±5%
AT 10mA
– 5V Supply Generator
Minimum Parts Count – 4V Generator
1
2
3
4
8
7
6
5
LTC1261-4
SHDN
REG
OUT
COMP
VCC
C1+
C1–
GND
0.1
µF
LTC1261 • TA12
3.3
µF
VOUT = –4V
at 10mA
5V
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com