Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1274CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1274CS Datasheet HTML 12Page - Linear Technology LTC1274CS Datasheet HTML 13Page - Linear Technology LTC1274CS Datasheet HTML 14Page - Linear Technology LTC1274CS Datasheet HTML 15Page - Linear Technology LTC1274CS Datasheet HTML 16Page - Linear Technology LTC1274CS Datasheet HTML 17Page - Linear Technology LTC1274CS Datasheet HTML 18Page - Linear Technology LTC1274CS Datasheet HTML 19Page - Linear Technology LTC1274CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1274/LTC1277
In slow memory mode the processor applies a logic low to
RD (= CONVST), starting the conversion. BUSY goes low,
forcing the processor into a Wait state. The previous
conversion result appears on the data outputs. When the
conversion is complete, the new conversion results ap-
pear on the data outputs; BUSY goes high releasing the
processor; the processor applies a logic high to RD
(= CONVST) and reads the new conversion data.
In ROM mode the processor applies a logic low to RD
(= CONVST), starting a conversion and reading the
previous conversion result. After the conversion is com-
plete, the processor can read the new result and initiate
another conversion.
The narrow logic pulse on CONVST ensures that CONVST
doesn’t return high during the conversion (see Note 13
following the Timing Characteristics table).
In Mode 2 (Figure 15) CS is tied low. The falling edge of
CONVST signal again starts the conversion. Data outputs
both are in three-state until read by the MPU with the RD
signal. Mode 2 can be used for operation with a shared
MPU databus.
In slow memory and ROM modes (Figures 16 and 17) CS
is tied low and CONVST and RD are tied together. The MPU
starts the conversion and reads the output with the RD
signal. Conversions are started by the MPU or DSP (no
external sample clock).
DATA (N – 1)
DB11 TO DB0
DATA (N – 1)
DB7 TO DB0
CONVST
BUSY
LTC1274/77 • F13
t16
t15
t4
t5
t6
CS = RD = 0
HBEN (LTC1277)
DATA N
DB11 TO DB0
DATA N
DB7 TO DB0
DATA N
DB11 TO DB8
DATA N
DB7 TO DB0
DATA (N + 1)
DB11 TO DB0
DATA (N + 1)
DB7 TO DB0
LTC1274 DATA
LTC1277 DATA
t7
tCONV
(SAMPLE N)
(SAMPLE N + 1)
(CONVST =
)
Figure 13. Mode 1a. CONVST Starts a Conversion. Data Outputs Always Enabled
S
APPLICATI
I FOR ATIO
CONVERSION
START (RISING
EDGE TRIGGER)
1274/77 • F12
BUSY
FLIP
FLOP
CLEAR
Q
D
ACTIVE HIGH
ENABLE THREE-STATE OUTPUTS
DB11....DB0
CS
RD
CONVST
NAP
SLEEP
Figure 12. Internal Logic for Control Inputs CS, RD, CONVST, NAP and SLEEP (LTC1277)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com