Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1274CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1274CS Datasheet HTML 2Page - Linear Technology LTC1274CS Datasheet HTML 3Page - Linear Technology LTC1274CS Datasheet HTML 4Page - Linear Technology LTC1274CS Datasheet HTML 5Page - Linear Technology LTC1274CS Datasheet HTML 6Page - Linear Technology LTC1274CS Datasheet HTML 7Page - Linear Technology LTC1274CS Datasheet HTML 8Page - Linear Technology LTC1274CS Datasheet HTML 9Page - Linear Technology LTC1274CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1274/LTC1277
TYPICAL PERFORMANCE CHARACTERISTICS
Signal-to-Noise Ratio (Without
Harmonics) vs Input Frequency
INPUT FREQUENCY (Hz)
10k
100k
2M
1M
LTC1274/77 • TPC04
80
70
60
50
40
30
20
10
0
VIN = – 60dB
VIN = – 20dB
VIN = 0dB
fSAMPLE = 100kHz
INPUT FREQUENCY (Hz)
10k
100k
2M
1M
LTC1274/77 • TPC05
80
70
60
50
40
30
20
10
0
fSAMPLE = 100kHz
Distortion vs Input Frequency
THD
INPUT FREQUENCY (Hz)
10k
0
–20
–40
–60
–80
–100
–120
100k
1M
2M
LTC1274/77 • TPC06
3RD HARMONIC
2ND HARMONIC
fSAMPLE = 100kHz
INPUT FREQUENCY (Hz)
10k
100k
2M
1M
LTC1274/77 • TPC07
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
fSAMPLE = 100kHz
Spurious-Free Dynamic Range vs
Input Frequency
Intermodulation Distortion Plot
S/(N + D) vs Input Frequency
and Amplitude
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
10
20
30
40
LTC1274/77 • TPC08
50
fb – fa
2fb – fa
2fa – fb
2fa
2fb
3fb
fa + 2fb
3fa
2fa – fb
fSAMPLE = 100kHz
fa = 9.54kHz
fb = 9.79kHz
fb – fa
SOURCE RESISTANCE (
Ω)
10
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
LTC1274/75 • TPC10
TA = 25°C
Acquistion Time vs
Source Impedance
Intermodulation Distortion Plot
FREQUENCY (Hz)
0
0
–20
–40
–60
–80
–100
–120
10k
20k
30k
40k
LTC1274/77 • TPC09
50k
2fb – fa
fb
fa
fb – fa
2fb
2fa – fb
2fa
3fb
2fb + fa
2fa + fb
fa + fb
3fa
fSAMPLE = 100kHz
fa = 96.948kHz
fb = 97.681kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com