Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1283C Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1283C
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283C Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1283C Datasheet HTML 16Page - Linear Technology LTC1283C Datasheet HTML 17Page - Linear Technology LTC1283C Datasheet HTML 18Page - Linear Technology LTC1283C Datasheet HTML 19Page - Linear Technology LTC1283C Datasheet HTML 20Page - Linear Technology LTC1283C Datasheet HTML 21Page - Linear Technology LTC1283C Datasheet HTML 22Page - Linear Technology LTC1283C Datasheet HTML 23Page - Linear Technology LTC1283C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1283
S
APPLICATI
TYPICAL
A “Quick Look” Circuit for the LTC1283
SNEAK-A-BIT is a trademark of Linear Technology Corp.
SNEAK-A-BIT
TM
The LTC1283’s unique ability to software select the polar-
ity of the differential inputs and the output word length is
used to achieve one more bit of resolution. Using the
circuit below with two conversions and some software, a
2’s complement 10-bit + sign word is returned to memory
inside the MPU. The MC68HC05C4 was chosen as an
example; however, any processor could be used.
Two 10-bit unipolar conversions are performed: the first
over a 0V to 3V span and the second over a 0V to – 3V span
(by reversing the polarity of the inputs). The sign of the
input is determined by which of the two spans contain it.
Then the resulting number (ranging from – 1023 to 1023
decimal) is converted to 2’s complement notation and
stored in RAM.
SNEAK-A-BIT Code
LTC1283 • TA05
MC68HC05C4
SCK
MOSI
MISO
CO
–3V
0.1
µF
1MHz
CLOCK
OTHER
CHANNELS
OR
SNEAK-A-BIT
INPUTS
3V
LTC1283
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
10
µF
VIN
–3V TO 3V
SNEAK-A-BIT Circuit
DOUT from LTC1283 in MC68HC05C4
B10 B9
B8
B7
B6
B5
B4
B3
SIGN
LSB
LTC1283 • TA07
B2
B1
B0
FILLED WITH 0’s
LOCATION $77
LOCATION $87
DIN Words for LTC1283
00
1
1
1
1
1
1
UNI
LTC1283 • TA08
DIN 1
MSBF
WORD
LENGTH
(ODD/SIGN)
MUX ADDR.
01
1
1
1
1
1
1
DIN 2
00
1
1
1
1
1
1
DIN 3
LTC1283 • TA03
LTC1283
0.1
µF
4.7
µF
f
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VIN
TO
OSCILLOSCOPE
CD4520
CLK
EN
Q1
Q2
Q3
Q4
RESET
VSS
CLOCK IN
500kHz MAX
3V
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
VDD
RESET
Q4
Q3
Q2
Q1
EN
CLK
f/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com