Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1283C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1283C
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1283C Datasheet HTML 2Page - Linear Technology LTC1283C Datasheet HTML 3Page - Linear Technology LTC1283C Datasheet HTML 4Page - Linear Technology LTC1283C Datasheet HTML 5Page - Linear Technology LTC1283C Datasheet HTML 6Page - Linear Technology LTC1283C Datasheet HTML 7Page - Linear Technology LTC1283C Datasheet HTML 8Page - Linear Technology LTC1283C Datasheet HTML 9Page - Linear Technology LTC1283C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1283
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Sample-and-Hold Acquisition
Time vs Source Resistance
Input Channel Leakage Current
vs Temperature
Noise Error
vs Reference Voltage
REFERENCE VOLTAGE (V)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.5
1.0
1.5
2.0
LTC1283 • G15
2.5
VCC = 3V
ACLK = 500kHz
LTC1283 NOISE = 200
µVP-P
AMBIENT TEMPERATURE (°C)
–50
0.01
0.1
1
10
100
–25
0
25
50
LTC1283 • G14
75
100
125
VCC = 3V
VREF = 2.5V
ON
CHANNEL
OFF
CHANNEL
1000
GUARANTEED
PI FU CTIO S
#
PIN
FUNCTION
DESCRIPTION
1-8
CH0-CH7
Analog Inputs
The analog inputs must be free of noise with respect to AGND.
9
COM
Common
The common pin defines the zero reference point for all single-ended inputs. It must be
free of noise and is usually tied to the analog ground plane.
10
DGND
Digital Ground
This is the ground for the internal logic. Tie to the ground plane.
11
AGND
Analog Ground
AGND should be tied directly to the analog ground plane.
12
V –
Negative Supply
Tie V – to most negative potential in the circuit. (Ground in single supply applications.)
13, 14
REF –, REF +
Reference Inputs
The reference inputs must be kept free of noise with respect to AGND.
15
CS
Chip Select Input
A logic low on this input enables data transfer.
16
DOUT
Digital Data Output
The A/D conversion result is shifted out of this output.
17
DIN
Data Input
The A/D configuration word is shifted into this input.
18
SCLK
Shift Clock
This clock synchronizes the serial data transfer.
19
ACLK
A/D Conversion Clock
This clock controls the A/D conversion process.
20
VCC
Positive Supply
This supply must be kept free of noise and ripple by bypassing directly to the analog
ground plane.
I
DAGRA
BLOCK
RSOURCE (kΩ)
0.1
1
10
110
LTC1283 • G13
5
VCC = 3V
VREF = 2.5V
TA = 25°C
0V TO 2.5V INPUT STEP
+
–
VIN
RSOURCE
+
9
8
7
6
4
3
2
INPUT
SHIFT
REGISTER
SAMPLE-
AND-
HOLD
10-BIT
CAPACITIVE
DAC
VCC
20
ANALOG
INPUT MUX
1
2
3
4
5
6
7
8
9
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DOUT
16
SCLK
18
CONTROL
AND
TIMING
15
CS
LTC1283 BD
17
REF+
14
DGND
10
AGND
11
V–
12
REF–
13
COMP
OUTPUT
SHIFT
REGISTER
DIN
19
ACLK
10-BIT
SAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com