Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1289CCS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1289CCS
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1289CCS Datasheet HTML 12Page - Linear Technology LTC1289CCS Datasheet HTML 13Page - Linear Technology LTC1289CCS Datasheet HTML 14Page - Linear Technology LTC1289CCS Datasheet HTML 15Page - Linear Technology LTC1289CCS Datasheet HTML 16Page - Linear Technology LTC1289CCS Datasheet HTML 17Page - Linear Technology LTC1289CCS Datasheet HTML 18Page - Linear Technology LTC1289CCS Datasheet HTML 19Page - Linear Technology LTC1289CCS Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1289
S
APPLICATI
I FOR ATIO
Figure 6 shows an example of an ideal ground plane design
for a two-sided board. Of course, this much ground plane
will not always be possible, but users should strive to get
as close to this ideal as possible.
2. Bypassing
For good performance, VCC must be free of noise and ripple.
Any changes in the VCC voltage with respect to analog
ground during a conversion cycle can induce errors or
noise in the output code. VCC noise and ripple can be kept
below 0.5mV by bypassing the VCC pindirectlytotheanalog
ground plane with a 22
µF tantalum capacitor and leads as
short as possible. The lead from the device to the VCC
supply should also be kept to a minimum and the VCC
supply should have a low output impedance such as that
obtained from a voltage regulator (e.g., LT1117). Using a
battery to power the LTC1289 will help reduce the amount
of bypass capacitance required on the VCC pin. A battery
placed close to the device will only require 10
µF to ad-
equately bypass the supply pin. Figure 7 shows the effect of
poor VCC bypassing. Figure 8a shows the settling of a
LT1117 low dropout regulator with a 22
µF bypass capaci-
tor. The noise and ripple is approximately 0.5mV. Figure 8b
shows the response of a lithium battery with a 10
µF bypass
capacitor. The noise and ripple is kept below 0.5mV.
Figure 7. Poor VCC Bypassing.
Noise and Ripple Can Cause A/D Errors.
Figure 8a. LT1117 Regulator with 22
µF Bypassing on VCC
HORIZONTAL: 20
µs/DIV
5V/DIV
CS
0.5mV/DIV
VCC
Figure 8b. Lithium Battery with 10
µF Bypassing on VCC
HORIZONTAL: 20
µs/DIV
Figure 6. Example Ground Plane for the LTC1289
0.5mV/DIV
5V/DIV
CS
VCC
HORIZONTAL: 10
µs/DIV
V–
22
µF
TANTALUM
VCC
LTC1289 AIF06
0.1µF
CERAMIC
DISK
ANALOG
GROUND
PLANE
0.1
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com