Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1289CCS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1289CCS
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCS Datasheet(HTML) 2 Page - Linear Technology

  LTC1289CCS Datasheet HTML 1Page - Linear Technology LTC1289CCS Datasheet HTML 2Page - Linear Technology LTC1289CCS Datasheet HTML 3Page - Linear Technology LTC1289CCS Datasheet HTML 4Page - Linear Technology LTC1289CCS Datasheet HTML 5Page - Linear Technology LTC1289CCS Datasheet HTML 6Page - Linear Technology LTC1289CCS Datasheet HTML 7Page - Linear Technology LTC1289CCS Datasheet HTML 8Page - Linear Technology LTC1289CCS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1289
LTC1289B
LTC1289C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
VCC = 2.7V
q
±1.5
±1.5
LSB
(Note 4)
Linearity Error (INL)
VCC = 2.7V
q
±0.5
±0.5
LSB
(Notes 4 and 5)
Gain Error
VCC = 2.7V
q
±0.5
±1.0
LSB
(Note 4)
Minimum Resolution for
q
12
12
BITS
Which No Missing Codes are
Guaranteed
Analog and REF Input Range
(Note 7)
(V–) – 0.05V to VCC + 0.05V
(V–) – 0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 3V
q
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
µA
Off Channel = 3V
Off Channel Leakage Current
On Channel = 3V
q
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
q
±1
±1
µA
Off Channel = 3V
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage VCC to GND or V – ........................... 12V
Negative Supply Voltage (V–) .................... – 6V to GND
Voltage
Analog and Reference Inputs (V–) – 0.3V to VCC + 0.3V
Digital Inputs ......................................... – 0.3V to 12V
Digital Outputs............................ – 0.3V to VCC + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1289BI, LTC1289CI ..................... – 40
°C TO 85°C
LTC1289BC, LTC1289CC ......................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1289BIJ
LTC1289CIJ
LTC1289BIN
LTC1289CIN
LTC1289BCJ
LTC1289CCJ
LTC1289BCN
LTC1289CCN
LTC1289BCS
LTC1289CCS
1
2
3
4
5
6
7
8
9
10
TOP VIEW
J PACKAGE
20-LEAD CERAMIC DIP
N PACKAGE
20-LEAD PLASTIC DIP
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
1289 PO01
CO VERTER A D
ULTIPLEXER CHARACTERISTICS (Note 3)
1
2
3
4
5
6
7
8
9
10
TOP VIEW
S PACKAGE
20-LEAD PLASTIC SOL
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
LTC1289 PO02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com