Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1346AI Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology LTC1346AI Datasheet HTML 10Page - Linear Technology LTC1346AI Datasheet HTML 11Page - Linear Technology LTC1346AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1346A
APPLICATIONS INFORMATION
Figure 8. Complete Single
±5V V.35 Interface
DTE
DCE
VCC1
5V
VEE1
–5V
0.1
µF
1
2
4
1
2
24
23
12
P
S
U
W
Y
X
V
T
R
10
11
16
15
0.1
µF
DX
LTC1346A
LTC1346A
BI
627T500/
1250
(SOIC)
VCC2
5V
VEE2
–5V
0.1
µF
2
1
0.1
µF
RX
T
TXD (103)
SCTE (113)
TXC (114)
RXC (115)
RXD (104)
GND (102)
CABLE SHIELD
5
3
AA
P
S
U
W
Y
X
V
T
R
BB
AA
AA
4
22
21
10
11
9
14
13
DX
RX
T
9
14
13
18
17
1
4
2
24
23
T
10
12
11
16
15
8
7
8
12
3
5
4
22
21
T
H
H
8
11
10
9
14
13
7
3
3
7
5
6
6
20
19
T
BI
627T500/
1250
(SOIC)
T
T
T
T
T
RX
RX
RX
VCC1
812
7
VCC2
DTR (108)
DX
DX
DX
4
1
µF
3
22
1
µF
1
µF1µF
1
µF
23
24
1
2
21
1
µF
LT1134A
LT1134A
43
22
1
µF
23
24
1
1
µF
19
13
13
LTC1346A • TA08
50
=
125
T
50
DX
DX
17
DX
15
DX
20
RX
18
RX
16
RX
14
5
7
9
11
6
8
10
12
20
18
16
14
21
19
17
15
6
8
10
12
5
7
9
11
RX
RX
RX
RX
RX
DX
DX
DX
DX
C
C
RTS (105)
E
E
DSR (107)
D
D
CTS (106)
F
F
DCD (109)
NN
NN
TM (142)
N
N
RDL (140)
L
L
LLB (141)
ISO 2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
ISO 2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com