Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1346AI Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1346AI
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AI Datasheet(HTML) 1 Page - Linear Technology

  LTC1346AI Datasheet HTML 1Page - Linear Technology LTC1346AI Datasheet HTML 2Page - Linear Technology LTC1346AI Datasheet HTML 3Page - Linear Technology LTC1346AI Datasheet HTML 4Page - Linear Technology LTC1346AI Datasheet HTML 5Page - Linear Technology LTC1346AI Datasheet HTML 6Page - Linear Technology LTC1346AI Datasheet HTML 7Page - Linear Technology LTC1346AI Datasheet HTML 8Page - Linear Technology LTC1346AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1346A
10Mbps DCE/DTE
V.35 Transceiver
S
FEATURE
DESCRIPTIO
s
Single Chip Provides Complete Differential Signal
Interface for V.35 Port
s
Drivers and Receivers Will Withstand Repeated
±10kV ESD Pulses
s
10Mbaud Transmission Rate
s
Meets CCITT V.35 Specification
s
Operates from
±5V Supplies
s
Shutdown Mode Reduces ICC to Below 1µA
s
Selectable Transmitter and Receiver Configurations
s
Independent Driver/Receiver Enables
s
Transmitter Maintains High Impedance When
Disabled, Shut Down or with Power Off
s
Transmitters Are Short-Circuit Protected
The LTC
®1346A is a single chip transceiver that provides
the differential clock and data signals for a V.35 interface
from
±5V supplies. Combined with an external resistor
termination network and an LT
®1134A RS232 transceiver
for the control signals, the LTC1346A forms a complete low
power DTE or DCE V.35 interface port.
The LTC1346A features three current output differential
transmitters and three differential receivers. The trans-
ceiver can be configured for DTE or DCE operation or
shutdown using three Select pins. In the shutdown mode,
the supply current is reduced to below 1
µA.
The LTC1346A transceiver operates up to 10Mbaud. All
transmitters feature short-circuit protection. Both the trans-
mitter outputs and the receiver outputs can be forced into
a high impedance state. The transmitter outputs and re-
ceiver inputs feature
±10kV ESD protection.
s
Modems
s
Telecommunications
s
Data Routers
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
VCC1
5V
2
1
4
1
2
24
23
12
DTE
DCE
10
11
16
15
0.1
µF
DX
LTC1346A
LTC1346A
BI
627T500/1250
BI
627T500/1250
BI TECHNOLOGIES
627T500/1250 (SOIC)
VCC2
5V
0.1
µF
2
RX
T
TXD (103)
SCTE (113)
TXC (114)
RXC (115)
RXD (104)
GND (102)
T
5
3
4
22
21
10
11
9
14
13
DX
RX
T
T
9
14
13
18
17
1
4
2
24
23
T
T
10
12
11
16
15
12
7
8
3
5
4
22
21
T
T
7
8
11
8
7
10
9
14
13
3
5
6
8
7
VCC2
VCC1
6
20
19
3
T
T
RX
RX
RX
12
LTC1346 • TA01
DX
DX
DX
50
=
125
T
50
+
VEE2
–5V
0.1
µF
1
VEE1
–5V
0.1
µF
+
Clock and Data Signals for V.35 Interface
TYPICAL APPLICATION


Similar Part No. - LTC1346AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
More results

Similar Description - LTC1346AI

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1318 LINER-LTC1318_15 Datasheet
281Kb / 8P
DCE Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com