Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODDB3 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SODDB3
Description  400mW Trigger Diode (DIAC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SODDB3 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SODDB3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
1.40
1.80
0.055
0.071
B
3.55
3.85
0.140
0.152
C
0.45
0.70
0.018
0.028
D
2.55
2.85
0.100
0.112
E
0.95
1.35
0.037
0.053
F
0.05
0.15
0.002
0.006
G
H
-
0.10
-
0.004
SUGGESTED PAD LAYOUT
G
X
X1
Y
MARKING
Note: Apply positive voltage in cathode line and apply negative in another
electrode, it will show better I/V curve. It help user
differentiate the direction of purpose.
Document Number: DS_S1406002
Version: B15
ORDER INFORMATION (EXAMPLE)
SODDB3/SODDB3T
Taiwan Semiconductor
Small Signal Product
SOD-123
0.50 REF
0.02 REF
DIM.
0.95
0.037
4.05
0.159
0.90
0.035
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
2.25
0.089
Min
Min
SODDB3 RFG
Green compound code
Packing code
Part no.
Cathode line



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com