Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODDB3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SODDB3
Description  400mW Trigger Diode (DIAC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SODDB3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SODDB3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SODDB3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
- Surface Mount Device SOD-123 packaged
- VBO=32V DB3
- Max. PD=400mW
- Case: Plastic gull wing SOD-123 package
- High temperature soldering guaranteed: 260°C/10s
- Weight: 10.55mg (approximately)
- Moisture sensitivity level 1
- Pb free and RoHS compliant
for lamp dimming, universal motor speed control, and heat control
ITRM
A
PD
mW
TJ
oC
TSTG
oC
SYMBOL MIN
TYP MAX
UNIT
28
32
36
30
32
34
±3
±2
5
9
Repetitive Peak on-state Current
ITRM
2A
VO
5V
IR
-10
μA
tr
1.5
μs
100
-15
Document Number: DS_S1406002
Version: B15
SODDB3T
IBO
C=22nF
tP=20μs, f=100Hz
μA
Breakdown Voltage Symmetry
[|+VBO1 |-
|-VBO2 |]
C=22nF
V
SODDB3
Storage Temperature Range
SODDB3T
△
I=[ IBO to IF=10mA]
Dynamic Breakdown Voltage
|△V±|
V
C=22nF
V
SODDB3
SODDB3T
APPLICATION
- These diacs are intended for use in thyrisitors phase control, circuits
Repetitive Peak on-state Current
tp=20μs, f=100Hz
2
UNIT
SODDB3/SODDB3T
Reverse Breakdown Voltage
SODDB3
Taiwan Semiconductor
Small Signal Product
400mW Trigger Diode (DIAC)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
VALUE
MECHANICAL DATA
PARAMETER
SYMBOL
400
Power Dissipation
SOD-123
Leakage Current
SODDB3T
VBO
PARAMETER
TEST CONDITION
Note
Note: Test circuit for output voltage
VB = 0.5VBO
- 40 to +125
- 40 to +125
Breakdown current
SODDB3
Junction Temperature
Output Voltage
Rest Time


Similar Part No. - SODDB3

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Microdiode Semiconducto...
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results

Similar Description - SODDB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Littelfuse
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
ST36A LITTELFUSE-ST36A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com