Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1402 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 9Page - Linear Technology LTC1402 Datasheet HTML 10Page - Linear Technology LTC1402 Datasheet HTML 11Page - Linear Technology LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1402
APPLICATIONS INFORMATION
FULL-SCALE AND OFFSET ADJUSTMENT
Figure 8 shows the ideal input/output characteristics for
the LTC1402 in bipolar mode and unipolar mode. Figure 9a
shows the components required for full-scale error ad-
justment. Figure 9b includes the components for offset
and full-scale adjustment.
Adjustment in Bipolar Mode with Pin 8 Held High
The code transitions occur midway between successive
integer LSB values (i.e., – FS + 0.5LSB, – FS + 1.5LSB, – FS
+ 2.5LSB,...FS – 2.5LSB, FS – 1.5LSB). The output at DOUT
is two’s complement binary with 1LSB = FS – (– FS)/4096
= 4.096V/4096 = 1.0mV. In applications where absolute
accuracy is important, offset and full-scale errors can be
adjusted to zero. Offset error must be adjusted before full-
scale error. In Figure 9b, zero offset is achieved by adjust-
ing the offset applied to the AIN– input. For zero offset
error, apply – 0.5mV (i.e., – 0.5LSB) to AIN+ and adjust the
offset at the AIN– input using R8 until the output code
flickers between 0000 0000 0000 and 1111 1111 1111.
For full-scale adjustment in Figures 9a and 9b, apply an
input voltage of 2.0465V (FS – 1.5LSB) to AIN+ and adjust
R5 until the output code flickers between 0111 1111 1110
and 0111 1111 1111.
Adjustment in Unipolar Mode with Pin 8 Held Low
The code transitions occur midway between successive
integer LSB values (i.e., – FS + 0.5LSB, – FS + 1.5LSB,
– FS + 2.5LSB,...FS – 2.5LSB, FS – 1.5LSB). The output at
Figure 8. LTC1402 Transfer Characteristic
Figure 9a. Full-Scale Adjustment Circuit with
±10LSB Range
Figure 7. CMRR vs Input Frequency
FREQUENCY (MHz)
–40
–30
–20
–10
0
0.1
10
100
1000
1402 F07
–50
–60
–70
1
INPUT VOLTAGE (V)
1402 F08
011...111
011...110
011...101
100...000
100...001
100...010
111...111
111...110
111...101
000...000
000...001
000...010
FS – 1LSB
– (FS – 1LSB)
64k
R1
51
Ω
R3
51
Ω
64k
REFERENCE
AMP
S/H
10
µF
R4
470k
R2
39k
R5
500
Ω
GAIN
VREF
BANGAP
REFERENCE
5
ANALOG INPUT
0V TO 4.096V
OR
±2.048V
7
AIN
–
4
AIN
+
3
AGND2
6
LTC1402
2.048V
1402 F09a
Figure 9b. Offset and Full-Scale Adjustment
Circuits with
±10LSB Range
64k
R1
51
Ω
R3
51
Ω
64k
REFERENCE
AMP
S/H
10
µF
R4
470k
R2
24k
R7
7.5k
R5
500
Ω
GAIN
VREF
BANGAP
REFERENCE
5
5V
5V
ANALOG INPUT
0V TO 4.096V
OR
±2.048V
OFFSET
ADJ
FULL-SCALE
ADJ
7
AIN
–
4
AIN
+
3
AGND2
6
LTC1402
2.048V
1402 F09b
R8
10k
R6
24k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com