Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1402 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 3 Page - Linear Technology

  LTC1402 Datasheet HTML 1Page - Linear Technology LTC1402 Datasheet HTML 2Page - Linear Technology LTC1402 Datasheet HTML 3Page - Linear Technology LTC1402 Datasheet HTML 4Page - Linear Technology LTC1402 Datasheet HTML 5Page - Linear Technology LTC1402 Datasheet HTML 6Page - Linear Technology LTC1402 Datasheet HTML 7Page - Linear Technology LTC1402 Datasheet HTML 8Page - Linear Technology LTC1402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1402
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. Bipolar mode with ± 5V supplies and unipolar mode with 5V supply. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus
100kHz Input Signal
72.5
dB
Distortion Ratio
1.1MHz Input Signal
q
69
72.0
dB
THD
Total Harmonic
100kHz First 5 Harmonics, Bipolar Mode
–89
dB
Distortion
1.1MHz First 5 Harmonics, Bipolar Mode
q
–89
–74.5
dB
100kHz First 5 Harmonics, Unipolar Mode
–87
dB
1.1MHz First 5 Harmonics, Unipolar Mode
–82
dB
SFDR
Spurious Free
1.1MHz Input Signal in Bipolar Mode
–93
dB
Dynamic Range
1.1MHz Input Signal in Unipolar Mode
–84
dB
IMD
Intermodulation
±1V 1.25MHz into AIN+, 1.2MHz into AIN– Bipolar Mode
–84
dB
Distortion
1.5V to 3.5V 1.25MHz into AIN+, 1.2MHz into AIN– Unipolar Mode
–84
dB
Code-to-Code
VREF = 4.096V, 1LSB = 1mV
0.18
LSBRMS
Transition Noise
Full Power Bandwidth
VIN = 4VP-P, DOUT = 2828P-P (Note 18)
82
MHz
Full Linear Bandwidth
S/(N + D)
≥ 68dB Bipolar Mode
5.0
MHz
Unipolar Mode
3.5
MHz
DYNAMIC ACCURACY
The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
INTERNAL REFERENCE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
4.096
V
VREF Output Tempco
15
ppm/
°C
VREF Line Regulation
AVDD = 4.75V to 5.25V, VREF = 4.096V
1
LSB/V
VREF Output Resistance
Load Current = 0.5mA
2
Ω
VREF Settling Time
2ms
The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
OVDD = 4.75V, IOUT = – 10µA
4.7
V
OVDD = 4.75V, IOUT = – 200µA
q
4V
OVDD = 3V, IOUT = – 200µA
q
2.5
2.9
V
VOL
Low Level Output Voltage
VDD = 4.75V, IOUT = 160µA
0.05
V
VDD = 4.75V, IOUT = 1.6mA
q
0.10
0.4
V
IOZ
Hi-Z Output Leakage DOUT
VOUT = 0V to VDD
q
±10
µA
COZ
Hi-Z Output Capacitance DOUT
15
pF
ISOURCE
Output Short-Circuit Source Current
VOUT = 0V, OVDD = 5V
– 40
mA
VOUT = 0V, OVDD = 3V
– 15
mA
ISINK
Output Short-Circuit Sink Current
VOUT = OVDD = 5V
40
mA
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com