Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1400CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1400CS8
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1400CS8 Datasheet HTML 7Page - Linear Technology LTC1400CS8 Datasheet HTML 8Page - Linear Technology LTC1400CS8 Datasheet HTML 9Page - Linear Technology LTC1400CS8 Datasheet HTML 10Page - Linear Technology LTC1400CS8 Datasheet HTML 11Page - Linear Technology LTC1400CS8 Datasheet HTML 12Page - Linear Technology LTC1400CS8 Datasheet HTML 13Page - Linear Technology LTC1400CS8 Datasheet HTML 14Page - Linear Technology LTC1400CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1400
APPLICATIONS INFORMATION
error adjustment. Figure 10b shows offset and full-scale
adjustment. Offset error must be adjusted before full-
scale error. Zero offset is achieved by applying 0.5mV (i.e.,
0.5LSB) at the input and adjusting the offset trim until the
LTC1400 output code flickers between 0000 0000 0000
and 0000 0000 0001. For zero full-scale error, apply an
analog input of 4.0945V (FS – 1.5LSB or last code transi-
tion) at the input and adjust R5 until the LTC1400 output
code flickers between 1111 1111 1110 and 1111 1111
1111.
Bipolar Offset and Full-Scale Error Adjustments
Bipolar offset and full-scale errors are adjusted in a similar
fashion to the unipolar case. Bipolar offset error adjust-
ment is achieved by applying an input voltage of – 0.5mV
(– 0.5LSB) to the input in Figure 10c and adjusting the op
amp until the ADC output code flickers between 0000 0000
0000 and 1111 1111 1111. For full-scale adjustment, an
input voltage of 2.0465V (FS – 1.5LSBs) is applied to the
input and R5 is adjusted until the output code flickers
between 0111 1111 1110 and 0111 1111 1111.
BOARD LAYOUT AND BYPASSING
To obtain the best performance from the LTC1400, a
printed circuit board is required. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC. The analog
input should be screened by GND.
High quality tantalum and ceramic bypass capacitors
should be used at the VCC and VREF pins as shown in the
Typical Application on the first page of this data sheet. For
the bipolar mode, a 0.1
µF ceramic provides adequate
bypassing for the VSS pin. For optimum performance, a
10
µF surface mount AVX capacitor with a 0.1µF ceramic is
recommended for the VCC and VREF pins. The capacitors
must be located as close to the pins as possible. The traces
connecting the pins and the bypass capacitors must be
kept short and should be made as wide as possible. In
unipolar mode operation, VSS should be isolated from any
noise source before shorting to the GND pin.
LTC1400 • F10a
–
+
R2
10k
R3
10k
R1
50
Ω
R4
100
Ω
FULL-SCALE
ADJUST
VIN
A1
LTC1400
AIN
GND
ADDITIONAL PINS OMITTED FOR CLARITY
±20LSB TRIM RANGE
Figure 10a. LTC1400 Full-Scale Adjust Circuit
LTC1400 • F10b
–
+
R2
10k
R9
20
Ω
R4
100k
R5
4.3k
FULL-SCALE
ADJUST
R3
100k
R6
400
Ω
R1
10k
10k
ANALOG
INPUT
0V TO 4.096V
A1
5V
R8
10k
OFFSET
ADJUST
R7
100k
5V
AIN
LTC1400
Figure 10b. LTC1400 Offset and Full-Scale Adjust Circuit
LTC1400 • F10c
–
+
R2
10k
R4
100k
R5
4.3k
FULL-SCALE
ADJUST
R3
100k
R6
200
Ω
R1
10k
ANALOG
INPUT
±2.048V
A1
R8
20k
OFFSET
ADJUST
R7
100k
5V
–5V
AIN
LTC1400
Figure 10c. LTC1400 Bipolar Offset and Full-Scale Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com