Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1400CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1400CS8
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1400CS8 Datasheet HTML 12Page - Linear Technology LTC1400CS8 Datasheet HTML 13Page - Linear Technology LTC1400CS8 Datasheet HTML 14Page - Linear Technology LTC1400CS8 Datasheet HTML 15Page - Linear Technology LTC1400CS8 Datasheet HTML 16Page - Linear Technology LTC1400CS8 Datasheet HTML 17Page - Linear Technology LTC1400CS8 Datasheet HTML 18Page - Linear Technology LTC1400CS8 Datasheet HTML 19Page - Linear Technology LTC1400CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1400
© LINEAR TECHNOLOGY CORPORATION 1995
1400f LT/TP 0597 7K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
RELATED PARTS
12-Bit Parallel Output ADCs
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
LTC1272
250ksps
75mW
Single 5V, 7572 Upgrade
LTC1273/LTC1275/LTC1276
300ksps
75mW
With Clock and Reference
LTC1274/LTC1277
100ksps
10mW
Low Power ADCs with 1
µA Shutdown
LTC1278/LTC1279
500/600ksps
75mW
70dB at Nyquist, Low Power, Single 5V
LTC1282
140ksps
12mW
3V or
±3V ADC with Clock and Reference
LTC1410
1.25Msps
150mW
71dB at Nyquist, Differential Input
12-Bit Serial Output ADCs
PART NUMBER
VCC
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
LTC1285/LTC1288
3V
7.5/6.6ksps
0.48mW
3V, One or Two Input, Micropower, SO-8
LTC1286/LTC1298
5V
12.5/11.1ksps
1.25mV
One or Two Input, Micropower, SO-8
LTC1290
5/
±5V
50ksps
30mW
8 Input, Full-Duplex Serial I/O
LTC1296
5/
±5V
46.5ksps
30mW
8 Input, Half-Duplex Serial I/O, Power Shutdown Output
LTC1400 Interface to ADSP2181
AIN
VSS
VCC
VREF
CLK
CONV
DOUT
GND
SCLKO
RFSO
DR0
LTC1400
ADSP2181
UNIPOLAR
INPUT
+
10
µF
0.1
µF
+
10
µF
5V
0.1
µF
1
2
3
84
6
7
5
LTC1400 • TA05a
LTC1400 Interface to TMS320C50
VCC
AIN
VREF
VSS
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1400
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
5V
LTC1400 • TA04a
1
2
3
84
6
7
5
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com