Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1404C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1404C
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404C Datasheet(HTML) 2 Page - Linear Technology

  LTC1404C Datasheet HTML 1Page - Linear Technology LTC1404C Datasheet HTML 2Page - Linear Technology LTC1404C Datasheet HTML 3Page - Linear Technology LTC1404C Datasheet HTML 4Page - Linear Technology LTC1404C Datasheet HTML 5Page - Linear Technology LTC1404C Datasheet HTML 6Page - Linear Technology LTC1404C Datasheet HTML 7Page - Linear Technology LTC1404C Datasheet HTML 8Page - Linear Technology LTC1404C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1404
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
Supply Voltage (VCC) ................................................. 7V
Negative Supply Voltage (VSS).................... – 6V to GND
Total Supply Voltage (VCC to VSS)
Bipolar Operation Only ........................................ 12V
Analog Input Voltage (Note 3)
Unipolar Operation .................. – 0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Digital Input Voltage (Note 4)
Unipolar Operation ................................ – 0.3V to 12V
Bipolar Operation.........................(VSS – 0.3V) to 12V
Digital Output Voltage
Unipolar Operation .................. – 0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Power Dissipation .............................................. 300mW
Operating Ambient Temperature Range
LTC1404C................................................ 0
°C to 70°C
LTC1404I ............................................ – 40
°C to 85°C
Junction Temperature .......................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
LTC1404CS8
LTC1404IS8
ORDER PART
NUMBER
S8 PART MARKING
1404
1404I
TJMAX = 125°C, θJA = 130°C/ W
TOP VIEW
VCC
AIN
VREF
GND
VSS
CONV
CLK
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
Consult factory for PDIP packages and Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage
Unipolar
4.75
5.25
V
Bipolar
4.75
5.25
V
VSS
Negative Supply Voltage
Bipolar Only
– 2.45
– 5.25
V
ICC
Positive Supply Current
fSAMPLE = 600ksps
q
15
30
mA
Nap Mode
q
1.3
3.0
mA
Sleep Mode
q
8.0
20.0
µA
ISS
Negative Supply Current
fSAMPLE = 600ksps, VSS = – 5V
q
0.2
0.6
mA
Nap Mode
q
0.2
0.5
mA
Sleep Mode
q
410
µA
PD
Power Dissipation
fSAMPLE = 600ksps
q
75
160
mW
Nap Mode
q
7.5
20
mW
Sleep Mode
q
60
150
µW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range
4.75V
≤ VCC ≤ 5.25V (Unipolar)
0 to 4.096
V
4.75V
≤ VCC ≤ 5.25V, –5.25V ≤ VSS ≤ –2.45V (Bipolar)
0 to
±2.048
V
IIN
Analog Input Leakage Current
During Conversions (Hold Mode)
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
45
pF
During Conversions (Hold Mode)
5
pF
PUT
I
A
A
LOG
(Note 5)
POWER REQUIRE E TS (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com