Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1404C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1404C
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1404C Datasheet HTML 16Page - Linear Technology LTC1404C Datasheet HTML 17Page - Linear Technology LTC1404C Datasheet HTML 18Page - Linear Technology LTC1404C Datasheet HTML 19Page - Linear Technology LTC1404C Datasheet HTML 20Page - Linear Technology LTC1404C Datasheet HTML 21Page - Linear Technology LTC1404C Datasheet HTML 22Page - Linear Technology LTC1404C Datasheet HTML 23Page - Linear Technology LTC1404C Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1404
TYPICAL APPLICATIONS
THIS PROGRAM DEMONSTRATES THE LTC1404 INTERFACE TO
THE ADSP-2181. FRAME SYNC PULSE IS GENERATED FROM RFS.
DATA SHIFT CLOCK IS EXTERNALLY GENERATED.
/*Section 1: Initialization*/
.module/ram/abs = 0 adspltc;
/*define the program module*/
jump start;
/*jump over interrupt vectors*/
nop; nop; nop;
rti; rti; rti; rti;
/*code vectors here upon IRQ2 int*/
rti; rti; rti; rti;
/*code vectors here upon IRQL1 int*/
rti; rti; rti; rti;
/*code vectors here upon IRQL0 int*/
rti; rti; rti; rti;
/*code vectors here upon SPORT0 TX int*/
ax0 = rx0;
/*Section 5*/
dm (0x2000) = ax0; /*begin of SPORT0 receive interrupt*/
rti;
/* */
/* */
/*end of SPORT0 receive interrupt*/
rti; rti; rti; rti;
/*code vectors here upon /IRQE int*/
rti; rti; rti; rti;
/*code vectors here upon BDMA interrupt*/
rti; rti; rti; rti;
/*code vectors here upon SPORT1 TX (IRQ1) int*/
rti; rti; rti; rti;
/*code vectors here upon SPORT1 RX (IRQ0) int*/
rti; rti; rti; rti;
/*code vectors here upon TIMER int*/
rti; rti; rti; rti;
/*code vectors here upon POWER DOWN int*/
/*Section 2: Configure SPORT0*/
start:
/*to configure SPORT0 control reg*/
/*SPORT0 address = 0X3FF6*/
/*RFS is used for frame sync generation*/
/*RFS is internal, TFS is not used*/
/*bit 0-3 = Slen*/
/*F = 15 = 1111*/
/*E = 14 = 1110*/
/*D = 13 = 1101*/
/*bit 4,5 data type right justified zero filled MSB*/
/*bit 6 INVRFS = 0*/
/*bit 7 INVTFS = 0*/
/*bit 8 IRFS=1 receive internal frame sync*/
/*bit 9,10,11 are for TFS (don’t care)*/
/*bit 12 RFSW=0 receive is Normal mode*/
/*bit 13 RTFS=1 receive is framed mode*/
/*bit 14 ISCLK=0 SCLK is external */
/*bit 15 multichannel mode = 0*/
ax0 = 0x2F0D;
/*normal mode, bit 12=0*/
/*if alternate mode bit 12=1, ax0=0x3F0E*/
dm (0x3FF6) =ax0;
/*Section 3: configure CLKDIV and RFSDIV, setup interrupts*/
/*Using an external clock source=9.6MHz*/
/*Does not need to configure CLKDIV*/
/*to Configure RFSDIV*/
ax0 = 15;
/*set the RFSDIV reg = 15*/
/*=> the frame sync pulse for every 16 SCLK*/
/*if frame sync pulse in every 15 SCLK, ax0=14*/
dm(0x3FF4) =ax0;
/*to setup interrupt*/
ifc= 0x0066;
/*clear any extraneous SPORT interrupts*/
icntl= 0;
/*IRQXB = level sensitivity*/
/*disable nesting interrupt*/
imask= 0x0020;
/*bit 0 = timer int = 0*/
/*bit 1 = SPORT1 or IRQ0B int = 0*/
/*bit 2 = SPORT1 or IRQ1B int = 0*/
/*bit 3 = BDMA int = 0*/
/*bit 4 = IRQEB int = 0*/
/*bit 5 = SPORT0 receive int = 1*/
/*bit 6 = SPORT0 transmit int = 0*/
/*bit 7 = IRQ2B int = 0*/
/*enable SPORT0 receive interrupt*/
/*Section 4: Configure System Control Register and Start Communication*/
/*to configure system control reg*/
ax0 = dm(0x3FFF);
/*read the system control reg*/
ay0 = 0xFFF0;
ar = ax0 AND ay0;
/*set wait state to zero*/
ay0 = 0x1000;
ar = ar OR ay0;
/*bit 12 = 1, enable SPORT0*/
dm(0x3FFF) = ar;
/*frame sync pulse regenerated automatically*/
cntr = 5000;
do waitloop until ce;
nop;
nop;
nop;
nop;
nop;
nop;
waitloop: nop;
rts;
.endmod;
ADSP2181 Code for Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com